Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1932/3/4 Datasheet(PDF) 19 Page - Microchip Technology

Part # PAC1932/3/4
Description  Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1932/3/4 Datasheet(HTML) 19 Page - Microchip Technology

Back Button PAC1932/3/4 Datasheet HTML 15Page - Microchip Technology PAC1932/3/4 Datasheet HTML 16Page - Microchip Technology PAC1932/3/4 Datasheet HTML 17Page - Microchip Technology PAC1932/3/4 Datasheet HTML 18Page - Microchip Technology PAC1932/3/4 Datasheet HTML 19Page - Microchip Technology PAC1932/3/4 Datasheet HTML 20Page - Microchip Technology PAC1932/3/4 Datasheet HTML 21Page - Microchip Technology PAC1932/3/4 Datasheet HTML 22Page - Microchip Technology PAC1932/3/4 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 62 page
background image
 2017-2018 Microchip Technology Inc.
DS20005850C-page 19
PAC1932/3/4
4.1
Detailed Description
A high-voltage multiplexer connects the input pins to
the VBUS and VSENSE amplifiers. The amplifier outputs
are sampled simultaneously for each channel,
converted by 16 bit ADCs and processed for gain and
offset error correction. After each conversion, VBUS
and VSENSE are multiplied together to give VPOWER.
An internal oscillator and digital control signals control
the two ADCs and the mux. The mux sequentially
connects each channel’s amplifiers to the ADC inputs.
The PAC1932/3/4 measures the source-side voltage,
VBUS, and the voltage VSENSE across an external
current sense resistor, RSENSE.
4.1.1
INITIAL OPERATION AND ACTIVE
STATE
After POR and a start-up sequence, the device is in
the Active state and begins sampling the inputs
sequentially. Voltage and current are sampled for all
active channels and power is calculated and
accumulated. All active channels are sampled at 1024
samples/second by default. Sample rates of 256, 64 or
eight samples/second may be programmed over I2C
or SMBus. If the SLOW pin is asserted the sample rate
is eight samples per second. For sampling rates lower
than 1024 samples/second, the device is in Sleep
mode for a portion of the conversion cycle, which
results in lower power dissipation. If fewer than four
channels are active, power is also reduced.
To read accumulator data and reset the accumulators,
the REFRESH command is used. To read the voltage,
current, power and accumulator data without resetting
the accumulators, the REFRESH_V command is
used. Changes to the Control register (01h) are
activated
by
sending
either
REFRESH
or
REFRESH_V. When a new value is written to the
Control register (01h), the new values take effect at
the end of the next round-robin sampling cycle
following the next REFRESH or REFRESH_V
command.
4.1.2
REFRESH COMMAND
The master sends the REFRESH command after
changing the Control register and/or before reading
accumulator data from the device. The master controls
the accumulation period in this manner.
The readable registers for the VBUS, VSENSE, Power,
accumulator outputs and accumulator count are
updated by the REFRESH command and the values
will be static until the next REFRESH command.
These readable registers will be stable within 1 mS
from sending the REFRESH command, and may be
read by the master at any time up until the next
REFRESH command is sent. The internal accumulator
values and accumulator count will be reset by the
REFRESH command, but the sampling of the inputs,
data conversion and power integration is not
interrupted and will continue as determined by the
settings in the Control register.
Changes written to the control and configuration
registers take effect 1 mS after a REFRESH command
is sent. Any new commands written within this 1 mS
window will be ignored and NACKed to indicate that
they are ignored.
The values for VBUS and VSENSE measurement results
and Power calculation results respond to the
REFRESH command in the same fashion as the
accumulators and accumulator count. The readable
registers will be stable within 1 mS from sending the
REFRESH command and may be read by the master
at any time. The internal values continue to be
updated according to the sampling plan determined by
the settings in the Control register. The results that are
sent to the readable registers for VBUS, VSENSE and
Power are the values from the most recent complete
conversion cycle. See Register 6-1 REFRESH
Command (Address 00h).
4.1.3
REFRESH_G COMMAND
The REFRESH_G is identical in every respect to the
REFRESH command, but it is used with the I2C
General Call address (0000 000). This allows the
system to issue a REFRESH command to all of the
PAC1932/3/4 devices in the system with a single
command. Then the data from this REFRESH_G
command may be read device-by-device to capture a
snapshot of the system power and energy for all
devices. See Register 6-12 REFRESH_G Command
(Address 1Eh). Note that the REFRESH_G command
can also be used with a valid Slave address but in this
case only the device with this Slave address will
receive the command. In other words it has the same
properties as the REFRESH command with the
possibility of being compatible with the I2C General
Call address.
4.1.4
REFRESH_V COMMAND
If the user wants to read VSENSE and VBUS results, the
most recent Power calculation, and/or the accumulator
values and count without resetting the accumulators,
the REFRESH_V command may be sent. Sending the
REFRESH_V command and waiting 1 mS ensures that
the
VSENSE, VBUS, Power, accumulator and
accumulator count values will be stable when read by
the master. The sampling of the inputs, data conversion
and power integration are not interrupted and will
continue as determined by the settings in the Control
register. The data in these readable registers will
remain stable until the next REFRESH or REFRESH_V
command. The internal accumulator values and
accumulator count are unaffected by the REFRESH_V
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com