Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1932/3/4 Datasheet(PDF) 35 Page - Microchip Technology

Part # PAC1932/3/4
Description  Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1932/3/4 Datasheet(HTML) 35 Page - Microchip Technology

Back Button PAC1932/3/4 Datasheet HTML 31Page - Microchip Technology PAC1932/3/4 Datasheet HTML 32Page - Microchip Technology PAC1932/3/4 Datasheet HTML 33Page - Microchip Technology PAC1932/3/4 Datasheet HTML 34Page - Microchip Technology PAC1932/3/4 Datasheet HTML 35Page - Microchip Technology PAC1932/3/4 Datasheet HTML 36Page - Microchip Technology PAC1932/3/4 Datasheet HTML 37Page - Microchip Technology PAC1932/3/4 Datasheet HTML 38Page - Microchip Technology PAC1932/3/4 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 62 page
background image
 2017-2018 Microchip Technology Inc.
DS20005850C-page 35
PAC1932/3/4
6.1
Detailed Register Information
REGISTER 6-1:
REFRESH COMMAND (ADDRESS 00H)
SEND
SEND
SEND
SEND
SEND
SEND
SEND
SEND
No Data in this command, Send Byte only
bit 7
bit 0
Legend:
R = Readable bit
W = Writeable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
This command is a SEND Byte, does not contain any data. When it is sent to the device, the REFRESH
command is executed. The accumulator data, accumulator count, VBUS, and VSENSE measurements
are all refreshed and the accumulators are reset. The master can read the accumulator data and
accumulator count anytime 1 ms after the REFRESH command is sent, and anytime after than up until
the next REFRESH command is sent. (The master can read VBUS and VSENSE data in the same time
period. The accumulator results, accumulator count, VBUS and VSENSE data can be refreshed with the
REFRESH_V command without resetting the accumulators, see Register 6-7).
REGISTER 6-2:
CTRL REGISTER (ADDRESS 01H)
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
R-0
Sample_Rate<1:0>
SLEEP
SING
ALERT_PIN
ALERT_CC
OVF ALERT
OVF
bit 7
bit 0
Legend:
R = Readable bit
W = Writeable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-1
Write to these bits to change settings from default value.
bit 7-6
Sample_Rate<1:0>
: determines sample rate in Normal mode (if SLOW pin is not asserted).
00b
= 1024 samples/s
01b
= 256 samples/s
10b
= 64 samples/s
11b
= 8 samples/s
bit 5
SLEEP
: setting this bit to 1, followed by the REFRESH or REFRESH_V command, puts the device in
SLEEP mode. All programmed, readable, and measured digital data is stable in this mode. Clearing the
SLEEP bit and sending a REFRESH or REFRESH_V command causes the device become active and
start converting in the mode specified by the Control registers (unless the SLOW pin is asserted, in
which case it will start converting at an 8 Hz rate). The SLEEP bit has higher priority than the SING bit
or the SLOW pin, if the SLEEP bit is set the device goes into SLEEP mode not matter how the SING
bit or the SLOW pin are set.
0
= Active mode
1
= SLEEP mode, no data conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com