Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1932/3/4 Datasheet(PDF) 25 Page - Microchip Technology

Part # PAC1932/3/4
Description  Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1932/3/4 Datasheet(HTML) 25 Page - Microchip Technology

Back Button PAC1932/3/4 Datasheet HTML 21Page - Microchip Technology PAC1932/3/4 Datasheet HTML 22Page - Microchip Technology PAC1932/3/4 Datasheet HTML 23Page - Microchip Technology PAC1932/3/4 Datasheet HTML 24Page - Microchip Technology PAC1932/3/4 Datasheet HTML 25Page - Microchip Technology PAC1932/3/4 Datasheet HTML 26Page - Microchip Technology PAC1932/3/4 Datasheet HTML 27Page - Microchip Technology PAC1932/3/4 Datasheet HTML 28Page - Microchip Technology PAC1932/3/4 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 62 page
background image
 2017-2018 Microchip Technology Inc.
DS20005850C-page 25
PAC1932/3/4
4.9.1
ADDITIONAL ACCUMULATOR
INFORMATION
The math for the Power calculation and accumulation
inside the chip is always done in two's complement
math, no matter what the user sets the output registers
to show. VBUS and VSENSE are 17-bit two's
complement (signed) numbers internally. VPOWER is
the product of VSENSE multiplied by the 14 MSBs of
VBUS, and this is a 31 bit two's complement result
(signed) internally. In some cases this results in a
Power result that is not identical to the product of the
VBUS results register multiplied by the VSENSE register.
However, the Power result from the Power results
register is more accurate than the product of the VBUS
register multiplied by the VSENSE register in these
cases, as explained below.
If VSENSE and VBUS are both programmed to be
unsigned (unipolar) in register NEG_PWR (Address
1Dh), 16b without sign are exported to VBUS and
VSENSE results registers.
If VBUS is programmed to be signed (bipolar) in
Register 6-11
NEG_PWR
(Address
1Dh),
the
corresponding data is truncated to 16-bit two's
complement (signed) for the readable results register.
If VSENSE is programmed to be signed (bipolar) in
register NEG_PWR (Address 1Dh), the corresponding
results register value is truncated to 16-bit two's
complement (signed), but the power calculation uses
17-bit two's complement (signed). Therefore, a
mismatch is possible between an externally calculated
power value (VBUS times VSENSE) and the actual power
value calculated internally to the chip. The internally
calculated (and accumulated) value is more accurate
than the externally calculated value in every case.
The continuous power integration periods (also called
the energy accumulation period) can range from ~1ms
to many hours, depending on the number of samples
per second selected via SMBus. The number of
samples is limited by the size of the Accumulator Count
register to 16,777,216 (224). This count corresponds to
about 273 minutes at 1024 samples/second, or 582
hours at eight samples/second. This Accumulator
Count can overflow, and it will not reset when it
overflows.
When the accumulation registers reach their maximum
value, this is called accumulator overflow. The
accumulator outputs remain at their maximum value;
they do not roll over. The user can calculate the
worst-case time to roll over and read them at or before
that time or use the built in Alert functions to detect
rollover and read them at that time.
Worst-case accumulator overflow time can be
calculated assuming that every measurement that is
accumulated is a full-scale number. Since the power
numbers are 28 bits, and the accumulator is 48 bits, 220
samples can be accumulated before overflow if they
are all full-scale values. For most applications, they will
not all be full-scale numbers; this is especially true if
VBUS is not 32V. If VBUS is a lower number, the
maximum number of full-scale samples that can be
accumulated is scaled by 32V/VBUS. This limitation can
limit the accumulation period before overflow to 17
minutes at 1024 samples/second, or 36 hours at eight
samples/second, if most values are near full-scale. The
Accumulator Count limit described above will still limit
the total number of samples to 224.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com