Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1932/3/4 Datasheet(PDF) 11 Page - Microchip Technology

Part # PAC1932/3/4
Description  Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1932/3/4 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PAC1932/3/4 Datasheet HTML 7Page - Microchip Technology PAC1932/3/4 Datasheet HTML 8Page - Microchip Technology PAC1932/3/4 Datasheet HTML 9Page - Microchip Technology PAC1932/3/4 Datasheet HTML 10Page - Microchip Technology PAC1932/3/4 Datasheet HTML 11Page - Microchip Technology PAC1932/3/4 Datasheet HTML 12Page - Microchip Technology PAC1932/3/4 Datasheet HTML 13Page - Microchip Technology PAC1932/3/4 Datasheet HTML 14Page - Microchip Technology PAC1932/3/4 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
 2017-2018 Microchip Technology Inc.
DS20005850C-page 11
PAC1932/3/4
Note:
Unless otherwise indicated, maximum values are at TA = -40°C to +85°C, VDD = 2.7V to 5.5V, VBUS = 0V to 32V;
typical values are at TA = +25°C, VDD = 3.3V, VBUS = 3.3V, VSENSE = (SENSE+ – SENSE-) = 0V, VDD I/O = 1.62 to 5.5V.
FIGURE 2-13:
VBUS Error vs. VBUS Input
Voltage vs. Temperature.
FIGURE 2-14:
Zero Input Histogram for
VBUS (LSBs, 8X Average Results, Total
Population 5,000 devices).
FIGURE 2-15:
Zero Input Histogram for
VSENSE (LSBs, 8X Average Results, Total
Population 5,000 Devices).
FIGURE 2-16:
Input Offset for VBUS
Measurements vs. Temperature.
FIGURE 2-17:
Input Offset for VSENSE
Measurements vs. Temperature.
FIGURE 2-18:
I2C/SMBus Drive Current
vs. VOL.
0v
5v
10v
15v
20v
25v
30v
-0.1%
-0.2%
0.2%
0
0.1%
Input Voltage
3.3vDC -40
oC
3.3vDC 0
oC
3.3vDC 25
oC
3.3vDC 85
oC
3.3vDC 125
oC
-40
0
25
55
85
125
-1
-0.8
-0.6
-0.4
-0.2
0
Temperature (
oC)
-40
0
25
55
85
125
-1
-0.8
-0.6
-0.4
-0.2
0
Temperature (
oC)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
10
20
30
40
50
60
70
SMBUS Output Voltage (VOL)
VIO=1.6v VDD=2.6v
VIO=5.5v VDD=5.5v



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com