Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1932/3/4 Datasheet(PDF) 33 Page - Microchip Technology

Part # PAC1932/3/4
Description  Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1932/3/4 Datasheet(HTML) 33 Page - Microchip Technology

Back Button PAC1932/3/4 Datasheet HTML 29Page - Microchip Technology PAC1932/3/4 Datasheet HTML 30Page - Microchip Technology PAC1932/3/4 Datasheet HTML 31Page - Microchip Technology PAC1932/3/4 Datasheet HTML 32Page - Microchip Technology PAC1932/3/4 Datasheet HTML 33Page - Microchip Technology PAC1932/3/4 Datasheet HTML 34Page - Microchip Technology PAC1932/3/4 Datasheet HTML 35Page - Microchip Technology PAC1932/3/4 Datasheet HTML 36Page - Microchip Technology PAC1932/3/4 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 62 page
background image
 2017-2018 Microchip Technology Inc.
DS20005850C-page 33
PAC1932/3/4
Register 6-5
VBUSN Result Registers VBUS1 (07h),
VBUS2 (08h), VBUS3 (09h),VBUS4 (0Ah )
VBUS measurement for channel 1
Block
Read
20000h
VBUS measurement for channel 2
Block
Read
20000h
VBUS measurement for channel 3
Block
Read
20000h
VBUS measurement for channel 4
Block
Read
20000h
Register 6-6
VSENSEn Result Registers: VSENSE1
(0Bh), VSENSE2 (0Ch), VSENSE3 (0Dh),
VSENSE4 (0Eh)
VSENSE measurement for channel 1
Block
Read
20000h
VSENSE measurement for channel 2
Block
Read
20000h
VSENSE measurement for channel 3
Block
Read
20000h
VSENSE measurement for channel 4
Block
Read
20000h
Register 6-7
VBUSN_AVG Result Registers
VBUS1_AVG (0Fh), VBUS2_AVG (10h),
VBUS3_AVG (11h), VBUS4_AVG (12h)
Rolling average of eight most recent
VBUS1 measurements
Block
Read
20000h
Rolling average of eight most recent
VBUS2 measurements
Block
Read
20000h
Rolling average of eight most recent
VBUS3 measurements
Block
Read
20000h
Rolling average of eight most recent
VBUS4 measurements
Block
Read
20000h
Register 6-8
VSENSEn AVG Result Register
VSENSE1_AVG (13h), VSENSE2_AVG
(14h), VSENSE3_AVG(15h),
VSENSE4_AVG (16h)
Rolling average of eight most recent
VSENSE1 measurements
Block
Read
20000h
Rolling average of eight most recent
VSENSE2 measurements
Block
Read
20000h
Rolling average of eight most recent
VSENSE3 measurements
Block
Read
20000h
Rolling average of eight most recent
VSENSE4 measurements
Block
Read
20000h
Register 6-9
VPOWERN Result Register: VPOWER1
(17h), VPOWER2 (18h), VPOWER3 (19h),
VPOWER4 (1Ah)
VSENSE x VBUS for Channel 1
Block
Read
4
00000000h
VSENSE x VBUS for Channel 2
Block
Read
4
00000000h
VSENSE x VBUS for Channel 3
Block
Read
4
00000000h
VSENSE x VBUS for Channel 4
Block
Read
4
00000000h
Register 6-10
CHANNEL_DIS and SMBus (Address 1Ch)
Disable selected channels,
activate SMBus functionality,
pointer increment
R/W
1
00h
Register 6-11
NEG_PWR (Address 1Dh)
Configuration control for
enabling bidirectional current and
bipolar voltage measurements
R/W
1
00h
Register 6-12
REFRESH_G Command (Address 1Eh)
REFRESH response to
General Call Address
SEND
0
N/A
TABLE 6-1:
REGISTER SET IN HEXADECIMAL ORDER (CONTINUED)
Register
Number
Description
Type
Bytes
POR
Value
Note 1:
The VPOWERN Accumulator Registers, 03h-06h, have a POR value that is all zeros: 6 bytes
 000000000000h
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com