Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1932/3/4 Datasheet(PDF) 15 Page - Microchip Technology

Part # PAC1932/3/4
Description  Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1932/3/4 Datasheet(HTML) 15 Page - Microchip Technology

Back Button PAC1932/3/4 Datasheet HTML 11Page - Microchip Technology PAC1932/3/4 Datasheet HTML 12Page - Microchip Technology PAC1932/3/4 Datasheet HTML 13Page - Microchip Technology PAC1932/3/4 Datasheet HTML 14Page - Microchip Technology PAC1932/3/4 Datasheet HTML 15Page - Microchip Technology PAC1932/3/4 Datasheet HTML 16Page - Microchip Technology PAC1932/3/4 Datasheet HTML 17Page - Microchip Technology PAC1932/3/4 Datasheet HTML 18Page - Microchip Technology PAC1932/3/4 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 62 page
background image
 2017-2018 Microchip Technology Inc.
DS20005850C-page 15
PAC1932/3/4
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
3.1
SenseN+/SenseN– (N=1,2,3,4)
These two pins form the differential input for measuring
voltage across a sense resistor in the application. The
positive input (SenseN+) also acts as the input pin for
bus voltage.
3.2
Ground (GND)
System ground.
3.3
SMBus Data (SM_DATA)
This is the bi-directional SMBus data pin. This pin is
open drain, and requires a pull-up resistor to VDD I/O.
3.4
SMBus Clock (SM_CLK)
This is the SMBus clock input pin.
3.5
Positive Power Supply Voltage
(VDD)
Power supply input pin for the device. 2.7-5.5V range,
bypass with 100 nF ceramic capacitor to ground near
the IC.
3.6
Digital Power Reference Voltage
(VDD I/O)
Connect this pin to the power supply voltage for the
digital controller driving the SMBus pins and digital
input pins for the device, 1.62V-5.5V. Bypass with
100 nF ceramic capacitor to ground near the IC. This
pin does not supply power, instead it acts as the VIH
reference.
3.7
Address Selection (ADDR_SEL)
Connect a resistor from this pin to ground to select
SMBus address.
TABLE 3-1:
PIN DESCRIPTIONS
QFN
WLCSP16
Symbol
Pin Type
Description
1C3
SLOW/ALERT
Digital I/O pin
Voltage range is set by VDD I/O pin. Default function is
SLOW, may be programmed to function as ALERT pin
(Open Collector when functioning as ALERT, requires pull-up
resistor to VDD I/O).
2A4
VDD
Power for IC
Positive power supply voltage.
3
B4
GND
Ground pin
Ground for the IC.
4
C4
SM_CLK
SMBus clock input
Clock Input pin.
5
D4
SM_DATA
SMBus data I/O
Open drain requires pull-up resistor to VDD I/O.
6
C2
ADDRSEL
Analog I/O pin
Address selection for the SMBus Slave address.
7C1
SENSE3
-(1)
32V analog pin
0-32V range, connect to load side of sense resistor.
8D1
SENSE3+(1)
32V analog pin
0-32V range, connect to supply side of sense resistor.
9D2
SENSE4
-(1)
32V analog pin
0-32V range, connect to load side of sense resistor.
10
D3
SENSE4+(1)
32V analog pin
0-32V range, connect to supply side of sense resistor.
11
A3
SENSE1+
32V analog pin
0-32V range, connect to supply side of sense resistor.
12
A2
SENSE1
-
32V analog pin
0-32V range, connect to load side of sense resistor.
13
A1
SENSE2+
32V analog pin
0-32V range, connect to supply side of sense resistor.
14
B1
SENSE2-
32V analog pin
0-32V range, connect to load side of sense resistor.
15
B2
VDD I/O
Sets VIH
reference for digital
I/O
Digital power reference level for digital I/O.
16
B3
PWRDN
Digital input pin
Voltage range is set by VDD I/O pin. Active low puts the
device in power-down state (all circuitry is powered down
including SMBus).
17
EP
N/C
The Exposed pad is not electrically connected.
Note 1:
For PAC1932, pins 7,8,9,10 are not connected inside and should be grounded.
For PAC1933, pins 9 and 10 are not connected inside and should be grounded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com