Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1932/3/4 Datasheet(PDF) 26 Page - Microchip Technology

Part # PAC1932/3/4
Description  Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1932/3/4 Datasheet(HTML) 26 Page - Microchip Technology

Back Button PAC1932/3/4 Datasheet HTML 22Page - Microchip Technology PAC1932/3/4 Datasheet HTML 23Page - Microchip Technology PAC1932/3/4 Datasheet HTML 24Page - Microchip Technology PAC1932/3/4 Datasheet HTML 25Page - Microchip Technology PAC1932/3/4 Datasheet HTML 26Page - Microchip Technology PAC1932/3/4 Datasheet HTML 27Page - Microchip Technology PAC1932/3/4 Datasheet HTML 28Page - Microchip Technology PAC1932/3/4 Datasheet HTML 29Page - Microchip Technology PAC1932/3/4 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 62 page
background image
PAC1932/3/4
DS20005850C-page 26
 2017-2018 Microchip Technology Inc.
5.0
SMBUS AND I2C
COMMUNICATIONS
PROTOCOL
The PAC1932/3/4 communicates over a two-wire bus
with a controller using SMBus or I2C serial
communication protocol. A detailed timing diagram is
shown in Figure 1-1.
Stretching of the SMCLK signal is supported; however,
the PAC1932/3/4 will not stretch the clock signal.
5.1
I2C/SMBus Addressing and
Control Bits
5.1.1
SMBUS ADDRESS AND RD/WR BIT
The SMBus Address Byte consists of the 7-bit slave
address followed by a 1-bit RD / WR indicator. If this
RD / WR bit is a logic ‘0’, the SMBus master is writing
data to the slave device. If this RD / WR bit is a logic
‘1’, the SMBus master is reading data from the slave
device.
The PAC1932/3/4 I2C/SMBus address is determined
by a single pull-down resistor connected between
ground and the ADDRSEL pin as shown in Table 5-1.
The chip translates the resistor value into an address
on power-up, and the value is latched until another
power-up event takes place. The address cannot be
changed on the fly.
5.1.2
SMBUS START BIT
The SMBus Start bit is defined as a transition of the
SMBus data line from a logic ‘1’ state to a logic ‘0’ state
while the SMBus Clock line is in a logic ‘1’ state.
5.1.3
SMBUS ACK AND NACK BITS
The SMBus slave will ACK (acknowledge) all data
bytes that it receives. This is done by the slave device
pulling the SMBus data line low after the eighth bit of
each byte that is transmitted.
5.1.4
SMBUS STOP BIT
The SMBus Stop bit is defined as a transition of the
SMBus data line from a logic ‘0’ state to a logic ‘1’ state
while the SMBus clock line is in a logic ‘1’ state. When
the PAC1932/3/4 detects an SMBus Stop bit, and it has
been communicating with the SMBus protocol, it will
reset its slave interface and prepare to receive further
communications.
5.1.5
SMBUS DATA BYTES
All SMBus data bytes are sent most significant bit first
and composed of eight bits of information.
TABLE 5-1:
ADDRESS SELECT
RESISTOR
Resistor (1%)
SMBus Address
0 (Tie to GND)
0010_000(r/w)
499
0010_001(r/w)
806
0010_010(r/w)
1,270
0010_011(r/w)
2,050
0010_100(r/w)
3,240
0010_101(r/w)
5,230
0010_110(r/w)
8,450
0010_111(r/w)
13,300
0011_000(r/w)
21,500
0011_001(r/w)
34,000
0011_010(r/w)
54,900
0011_011(r/w)
88,700
0011_100(r/w)
140,000
0011_101(r/w)
226,000
0011_110(r/w)
Tie to VDD
0011_111(r/w)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com