Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1932/3/4 Datasheet(PDF) 51 Page - Microchip Technology

Part # PAC1932/3/4
Description  Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1932/3/4 Datasheet(HTML) 51 Page - Microchip Technology

Back Button PAC1932/3/4 Datasheet HTML 47Page - Microchip Technology PAC1932/3/4 Datasheet HTML 48Page - Microchip Technology PAC1932/3/4 Datasheet HTML 49Page - Microchip Technology PAC1932/3/4 Datasheet HTML 50Page - Microchip Technology PAC1932/3/4 Datasheet HTML 51Page - Microchip Technology PAC1932/3/4 Datasheet HTML 52Page - Microchip Technology PAC1932/3/4 Datasheet HTML 53Page - Microchip Technology PAC1932/3/4 Datasheet HTML 54Page - Microchip Technology PAC1932/3/4 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 62 page
background image
 2017-2018 Microchip Technology Inc.
DS20005850C-page 51
PAC1932/3/4
REGISTER 6-21:
PRODUCT ID REGISTER (ADDRESS FDh)
R-0
R-1
R-0
R-1
R-1
R-0
R-1
R-1
PID<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writeable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
PID<7:0>
: contain the Product ID for the PAC1932/3/4.
0101_1001
for PAC1932
0101_1010
for PAC1933
0101_1011
for PAC1934 (Default shown in table directly above)
REGISTER 6-22:
MANUFACTURER ID REGISTER (ADDRESS FEh)
R-0
R-1
R-0
R-1
R-1
R-1
R-0
R-1
MID<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writeable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
MID<7:0>
: the Manufacturer ID register identifies Microchip as the manufacturer of the PAC1932/3/4
This value is 5Dh.
REGISTER 6-23:
REVISION ID REGISTER (ADDRESS FFh)
R-0
R-0
R-0
R-0
R-0
R-0
R-1
R-1
RID<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writeable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
RID<7:0>
: the Revision register identifies the die revision
This register reads 03h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com