Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1932/3/4 Datasheet(PDF) 17 Page - Microchip Technology

Part # PAC1932/3/4
Description  Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1932/3/4 Datasheet(HTML) 17 Page - Microchip Technology

Back Button PAC1932/3/4 Datasheet HTML 13Page - Microchip Technology PAC1932/3/4 Datasheet HTML 14Page - Microchip Technology PAC1932/3/4 Datasheet HTML 15Page - Microchip Technology PAC1932/3/4 Datasheet HTML 16Page - Microchip Technology PAC1932/3/4 Datasheet HTML 17Page - Microchip Technology PAC1932/3/4 Datasheet HTML 18Page - Microchip Technology PAC1932/3/4 Datasheet HTML 19Page - Microchip Technology PAC1932/3/4 Datasheet HTML 20Page - Microchip Technology PAC1932/3/4 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 62 page
background image
 2017-2018 Microchip Technology Inc.
DS20005850C-page 17
PAC1932/3/4
4.0
GENERAL DESCRIPTION
The PAC1934 is a four-channel, bidirectional, high-side
current-sensing
device
with
precision
voltage
measurement capabilities, DSP for power calculation
and a power accumulator. PAC1932 and PAC1933 are
two and three channel versions of the PAC1934. These
devices measure the voltage developed across an
external sense resistor (VSENSE) to represent the
high-side current of a battery or voltage regulator. The
PAC1932/3/4 also measures the SENSE+ pin voltages
(VBUS). Both VBUS and VSENSE are converted to digital
results by a 16-bit ADC, and the digital results are
multiplied to give VPOWER. The VPOWER results are
accumulated
on-chip,
which
enables
energy
measurement over the accumulation period.
The PAC1932/3/4 has an I2C/SMBus interface for
digital control and reading results. It also has digital
supply reference VDD I/O that is to be connected to the
same supply as the digital master for the I2C/SMBUS,
enabling digital I/O voltages as low as 1.62V.
A system diagram is shown in Figure 4-1.
FIGURE 4-1:
PAC1932/3/4 System Diagram.
Note:
VDD and VDD I/O may be connected together.
PAC1934
System
Master
SM_DATA
SM_CLK
VSOURCE 0V – 32V
Sense
Resistors
VDD
1.62V to 5.5V
Digital Supply
GND
2.7V to 5.5V
VSOURCE 0V – 32V
VSOURCE 0V – 32V
VSOURCE 0V – 32V
Load
Load
Load
Load
SLOW
PWRDN
ADDRSEL
VDD I/O
PAC193X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com