Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1932/3/4 Datasheet(PDF) 47 Page - Microchip Technology

Part # PAC1932/3/4
Description  Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1932/3/4 Datasheet(HTML) 47 Page - Microchip Technology

Back Button PAC1932/3/4 Datasheet HTML 43Page - Microchip Technology PAC1932/3/4 Datasheet HTML 44Page - Microchip Technology PAC1932/3/4 Datasheet HTML 45Page - Microchip Technology PAC1932/3/4 Datasheet HTML 46Page - Microchip Technology PAC1932/3/4 Datasheet HTML 47Page - Microchip Technology PAC1932/3/4 Datasheet HTML 48Page - Microchip Technology PAC1932/3/4 Datasheet HTML 49Page - Microchip Technology PAC1932/3/4 Datasheet HTML 50Page - Microchip Technology PAC1932/3/4 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 62 page
background image
 2017-2018 Microchip Technology Inc.
DS20005850C-page 47
PAC1932/3/4
REGISTER 6-16:
CHANNEL DIS_ACT (ADDRESS 22H)
R-0
R-0
R-0
R-0
U
U
U
U
CH1_OFF
CH2_OFF
CH3_OFF
CH4_OFF
bit 7
bit 0
Legend:
R = Readable bit
W = Writeable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit is unknown
This register contains an image of the Channel Disable bits in register 1Ch.The bits in this register reflect the value
that was activated by the most recent REFRESH function, and is currently active. Whereas the values in register 1Ch
may have been programmed but not activated by one of the REFRESH commands, register 22h allows software to
determine the actual active setting. This register is valid when the Results registers are valid, 1 ms after a
REFRESH/_V/_G command.
bit 7-4
CHn_OFF<7:4>
: shows the value that is currently active for these bits.
bit 7
0
= CH1 ON. Channel 1 active during conversion cycle
1
= CH1 OFF. Channel 1 inactive during conversion cycle
bit 6
0
= CH1 ON. Channel 2 active during conversion cycle
1
= CH1 OFF. Channel 2 inactive during conversion cycle
bit 5
0
= CH1 ON. Channel 3 active during conversion cycle
1
= CH1 OFF. Channel 3 inactive during conversion cycle
bit 4
0
= CH1 ON. Channel 4 active during conversion cycle
1
= CH1 OFF. Channel 4 inactive during conversion cycle
bit 3-0
Not used, always reads ‘0’
REGISTER 6-17:
NEG_PWR_ACT (ADDRESS 23H)
R-0R-0
R-0R-0
R-0R-0
R-0R-0
CH1_BIDI
CH2_BIDI
CH3_BIDI
CH4 BIDI
CH1_BIDV
CH2_BIDV
CH3_BIDV
CH4_BIDV
bit 7
bit 0
Legend:
R = Readable bit
W = Writeable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit is unknown
This register contains an image of the NEG_PWR register, 1Dh.The bits in this register reflect the current active value
of these settings, whereas the values in register 1Dh may have been programmed but not activated by one of the
REFRESH commands. This register allows software to determine the actual active setting. This register is valid when
the Results registers are valid, 1 ms after a REFRESH/_V/_G command.
bit 7-4
CH1_BIDI<7:4>
: these bits show the current active value of the corresponding bits in Register 6-11,
NEG_PWR (Address 1Dh).
bit 3-0
CH1_BIDV<3:0>
: these bits show the current active value of the corresponding bits in Register 6-11,
NEG_PWR (Address 1Dh).
bit 7
0
= Channel 1 VSENSE ADC converts 0 to +100 mV range with 16-bit straight binary output
1
= Channel 1 VSENSE ADC converts -100 mV to +100 mV range with 16-bit two’s complement output
bit 6
0
= Channel 2 VSENSE ADC converts 0 to +100 mV range with 16-bit straight binary output
1
= Channel 2 VSENSE ADC converts -100 mV to +100 mV range with 16-bit two’s complement output
bit 5
0
= Channel 3 VSENSE ADC converts 0 to +100 mV range with 16-bit straight binary output
1
= Channel 3 VSENSE ADC converts -100 mV to +100 mV range with 16-bit two’s complement output
bit 4
0
= Channel 4 VSENSE ADC converts 0 to +100 mV range with 16-bit straight binary output
1
= Channel 4 VSENSE ADC converts -100 mV to +100 mV range with 16-bit two’s complement output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com