Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1932/3/4 Datasheet(PDF) 6 Page - Microchip Technology

Part # PAC1932/3/4
Description  Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1932/3/4 Datasheet(HTML) 6 Page - Microchip Technology

Back Button PAC1932/3/4 Datasheet HTML 2Page - Microchip Technology PAC1932/3/4 Datasheet HTML 3Page - Microchip Technology PAC1932/3/4 Datasheet HTML 4Page - Microchip Technology PAC1932/3/4 Datasheet HTML 5Page - Microchip Technology PAC1932/3/4 Datasheet HTML 6Page - Microchip Technology PAC1932/3/4 Datasheet HTML 7Page - Microchip Technology PAC1932/3/4 Datasheet HTML 8Page - Microchip Technology PAC1932/3/4 Datasheet HTML 9Page - Microchip Technology PAC1932/3/4 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
PAC1932/3/4
DS20005850C-page 6
 2017-2018 Microchip Technology Inc.
Power Accumulator Accuracy
Accumulator Error
ACC_Err
—0.2
%
VSENSE = 97 mV
Accumulator Error
ACC_Err
—0.2
%
VSENSE = 10 mV
Accumulator Error
ACC_Err
—1
%
VSENSE = 1 mV
Accumulator Error
ACC_Err
—3
%
VSENSE = 100 µV
Accumulator Error
ACC_Err
—5
%
VSENSE = 50 µV
Active Mode Timing
Pull-Up Voltage
Range
VPULLUP
1.62
5.5
V
Pull-up voltage for I2C/SMBus pins
and digital I/O pins. Set by VDD I/O.
Time to First
Communications
tINT_T
—14.25
ms
Transition From Sleep
State to Start of
Conversion Cycle
tSLEEP_TO_ACTIVE
—3
ms
Digital I/O Pins (SM_CLK, SM_DATA, SLOW/ALERT, PWRDN)
Input High Voltage
VIH
VDD I/O
x 0.7
——
V
Input Low Voltage
VIL
——
VDDI/O
x 0.3
V
Output Low Voltage
VOL
0.4
V
Sinking 8 mA for the ALERT pin
and 20 mA for the SMCLK pin
Leakage Current
ILEAK
–1
+1
µA
TABLE 1-1:
DC CHARACTERISTICS (CONTINUED)
Electrical Characteristics
: Unless otherwise specified, maximum values are at TA = -40°C to +85°C,
VDD = 2.7V to 5.5V, VDD I/O= 1.62V to 5.5V, VBUS = 0V to 32V; typical values are at TA = +25°C
VDD = VDD I/O = 3.3V, VBUS = 32V, VSENSE = (SENSE+ – SENSE-) = 0V
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com