Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1932/3/4 Datasheet(PDF) 31 Page - Microchip Technology

Part # PAC1932/3/4
Description  Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1932/3/4 Datasheet(HTML) 31 Page - Microchip Technology

Back Button PAC1932/3/4 Datasheet HTML 27Page - Microchip Technology PAC1932/3/4 Datasheet HTML 28Page - Microchip Technology PAC1932/3/4 Datasheet HTML 29Page - Microchip Technology PAC1932/3/4 Datasheet HTML 30Page - Microchip Technology PAC1932/3/4 Datasheet HTML 31Page - Microchip Technology PAC1932/3/4 Datasheet HTML 32Page - Microchip Technology PAC1932/3/4 Datasheet HTML 33Page - Microchip Technology PAC1932/3/4 Datasheet HTML 34Page - Microchip Technology PAC1932/3/4 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 62 page
background image
 2017-2018 Microchip Technology Inc.
DS20005850C-page 31
PAC1932/3/4
5.6.7
BLOCK READ – I2C VERSION
Block Read is used to read multiple data bytes from a
register that contains more than one byte of data, or
from a group of contiguous registers, as shown in
Table 5-9
. The PAC1932/3/4 supports I2C Block Read
by default, but the SMBus format can also be
supported (see Table 5-10).
If an invalid register address is specified, the slave will
ACK its address but NACK the register address.
The master will NACK the data received from the slave
by holding the SMBus data line high after the 8th data
bit has been sent.
5.6.8
BLOCK READ – SMBUS VERSION
PAC1932/3/4 can also support the SMBus version of
Block Read. If the Byte Count bit is set, Block Read will
result in the device sending the Byte Count data before
the first data byte. This protocol is shown in Table 5-10.
Also see Section 4.3 “Conversion Cycle Controls”
above and Register 6-10 CHANNEL_DIS and SMBus
(Address 1Ch).
TABLE 5-9:
BLOCK READ PROTOCOL I2C VERSION (DEFAULT)
START
Slave Address
WR
ACK
Register
Address
ACK
START
Slave Address
RD
ACK
Register
Data
1
0
YYYY_YYY
0
0
XXh
0
1
0
YYYY_YYY
1
0
XXh
ACK
Register Data
ACK
Register
Data
ACK
Register
Data
ACK
Register
Data
NACK
STOP
0
XXh
0
XXh
0
XXh
0
XXh
1
0
 1
TABLE 5-10:
BLOCK READ PROTOCOL SMBUS VERSION (MUST SET BYTE COUNT BIT)
START
Slave Address
WR
ACK
Register
Address
ACK
START
Slave Address
RD
ACK
Byte Count
1
0
YYYY_YYY
0
0
XXh
0
1
0
YYYY_YYY
1
0
XXh = N
ACK
Register Data
ACK
Register
Data
ACK
Register
Data
ACK
Register
Data
NACK
STOP
0
XXh
0
XXh
0
XXh
0
XXh
1
0
 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com