Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1932/3/4 Datasheet(PDF) 7 Page - Microchip Technology

Part # PAC1932/3/4
Description  Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1932/3/4 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PAC1932/3/4 Datasheet HTML 3Page - Microchip Technology PAC1932/3/4 Datasheet HTML 4Page - Microchip Technology PAC1932/3/4 Datasheet HTML 5Page - Microchip Technology PAC1932/3/4 Datasheet HTML 6Page - Microchip Technology PAC1932/3/4 Datasheet HTML 7Page - Microchip Technology PAC1932/3/4 Datasheet HTML 8Page - Microchip Technology PAC1932/3/4 Datasheet HTML 9Page - Microchip Technology PAC1932/3/4 Datasheet HTML 10Page - Microchip Technology PAC1932/3/4 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
 2017-2018 Microchip Technology Inc.
DS20005850C-page 7
PAC1932/3/4
FIGURE 1-1:
SMBus Timing.
TABLE 1-2:
SMBUS MODULE SPECIFICATIONS
Electrical Characteristics
: Unless otherwise specified, maximum values are at TA = -40°C to +85°C,
VDD = 2.7V to 5.5V, VBUS = 0V to 32V; Typical values are at TA = +25°C, VDD = 3.3V, VBUS = 32V,
VSENSE = (SENSE+ – SENSE-) = 0V, VDD I/O = 1.62V to 5.5V
Characteristic
Sym.
Min.
Typ.
Max.
Units
Conditions
SMBus Interface
Input Capacitance
CIN
4
10
pF
Not tested in production
SMBus Timing
Clock Frequency
fSMB
.010
1
MHz
No minimum if Time-Out is not
enabled.
Spike Suppression
tSP
0
50
ns
Bus Free Time Stop to
Start
tBUF
0.5
µs
Per SMBus 3.0
Hold Time after
Repeated Start
Condition
tHD:STA
0.26
µs
Per SMBus 3.0
Repeated Start
Condition Setup Time
tSU:STA
0.26
µs
Per SMBus 3.0
Setup Time: Stop
tSU:STO
0.26
µs
Per SMBus 3.0
Setup Time: Start
tSU:STA
0.26
µs
Data Hold Time
tHD:DAT
0—
µs
Data Setup Time
tSU:DAT
50
ns
Per SMBus 3.0 (Note)
Clock Low Period
tLOW
0.5
µs
Per SMBus 3.0
Clock High Period
tHIGH
0.26
50
µs
Clock/Data Fall Time
tFALL
120
ns
Not tested in production
Clock/Data Rise Time
tRISE
120
ns
Not tested in production
Capacitive Load
CLOAD
550
pF
Per bus line,
CLOAD not tested in production
SLOW Pin Pulse Width
SLOWpw
100
µs
Pulses narrower than 100 µS
may not be detected
Note:
A device must internally provide a hold time of at least 300 ns for the SM_DATA signal (with respect to the
VIH(min) of the SM_CLK signal) to bridge the undefined region of the falling edge of SM_CLK.
SMDATA
SMCLK
TLOW
TRISE
THIGH
TFALL
TBUF
THD:STA
P
S
S - Start Condition
P - Stop Condition
THD:DAT
TSU:DA
T
TSU:STA
THD:STA
P
TSU:STO
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com