Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RGCT Datasheet(PDF) 18 Page - Texas Instruments

Part # UCD3138RGCT
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138RGCT Datasheet(HTML) 18 Page - Texas Instruments

Back Button UCD3138RGCT Datasheet HTML 14Page - Texas Instruments UCD3138RGCT Datasheet HTML 15Page - Texas Instruments UCD3138RGCT Datasheet HTML 16Page - Texas Instruments UCD3138RGCT Datasheet HTML 17Page - Texas Instruments UCD3138RGCT Datasheet HTML 18Page - Texas Instruments UCD3138RGCT Datasheet HTML 19Page - Texas Instruments UCD3138RGCT Datasheet HTML 20Page - Texas Instruments UCD3138RGCT Datasheet HTML 21Page - Texas Instruments UCD3138RGCT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 99 page
background image
Table 8-1. PMBus/SMBus/I2C Timing (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
t(SU:DAT)
Data setup time
100
ns
t(TIMEOUT)
Error signal/detect(2)
35
ms
t(LOW)
Clock low period
1.3
µs
t(HIGH)
Clock high period(3)
0.6
µs
t(LOW:SEXT)
Cumulative clock low slave extend
time(4)
25
ms
tf
Clock/data fall time
Fall time tf = 0.9 VDD to (VILmax – 0.15)
20 + 0.1
Cb(5)
300
ns
tr
Clock/data rise time
Rise time tr = (VILmax – 0.15) to (VIHmin + 0.15)
20 + 0.1
Cb(5)
300
ns
Cb
Total capacitance of one bus line
400
pF
(1)
Fast mode, 400 kHz
(2)
The device times out when any clock low exceeds t(TIMEOUT).
(3)
t(HIGH), Max, is the minimum bus idle time. SMBC = SMBD = 1 for t > 50 ms causes reset of any transaction that is in progress. This
specification is valid when the NC_SMB control bit remains in the default cleared state (CLK[0] = 0).
(4)
t(LOW:SEXT) is the cumulative time a slave device is allowed to extend the clock cycles in one message from initial start to the stop.
(5)
Cb (pF)
Figure 8-1. I2C/SMBus/PMBus Timing Diagram
Figure 8-2. Bus Timing in Extended Mode
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com