Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RGCT Datasheet(PDF) 38 Page - Texas Instruments

Part # UCD3138RGCT
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138RGCT Datasheet(HTML) 38 Page - Texas Instruments

Back Button UCD3138RGCT Datasheet HTML 34Page - Texas Instruments UCD3138RGCT Datasheet HTML 35Page - Texas Instruments UCD3138RGCT Datasheet HTML 36Page - Texas Instruments UCD3138RGCT Datasheet HTML 37Page - Texas Instruments UCD3138RGCT Datasheet HTML 38Page - Texas Instruments UCD3138RGCT Datasheet HTML 39Page - Texas Instruments UCD3138RGCT Datasheet HTML 40Page - Texas Instruments UCD3138RGCT Datasheet HTML 41Page - Texas Instruments UCD3138RGCT Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 99 page
background image
14
Bits [17:4]
Filter Period
24
14
38
18
KCompx
DPWMx Period
Filter YN
S0.23
14.0
14.0
14.0
S14.23
Round to
18 bits,
Clamp to
Positive
Truncate
low 4 bits
X
14.0
PERIOD_MULT_SEL
14.4
Figure 9-8. Final Section for the Filter
This permits the filter output to be multiplied by a variety of correction factors to match the DPWM Period, to
provide for Voltage Feed Forward, or for other purposes. After this, there is another clamp. For resonant mode,
the filter can be used to generate both period and duty cycle.
18
24
14
38
18
KCompx
DPWMx Period
Loop_VFF
Filter YN (Duty %)
Filter Duty
S0.23
14.0
14.0
14.0
14.0
S14.23
Resonant Duty 14.0
Round to
18 bits,
Clamp to
Positive
Clamp
Filter Output
Clamp High
Filter Output
Clamp Low
X
14.4
14.4
OUTPUT_MULT_SEL
Figure 9-9. Resonant Mode
9.5.4.1 Loop Multiplexer
The Loop Mux controls interconnections between the filters, front ends, and DPWMs. Any filter, front end, and
DPWM can be combined with each other in many configurations.
It also controls the following connections:
• DPWM to Front End
• Front End DAC control from Filters or Constant Current/Constant Power Module
• Filter Special Coefficients and Feed Forward
• DPWM synchronization
• Filter to DPWM
The following control modules are configured in the Loop Mux:
• Constant Power/Constant Current
• Cycle Adjustment (Current and flux balancing)
• Global Period
• Light Load (Burst Mode)
• Analog Peak Current Mode
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
www.ti.com
38
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com