Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RGCT Datasheet(PDF) 82 Page - Texas Instruments

Part # UCD3138RGCT
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138RGCT Datasheet(HTML) 82 Page - Texas Instruments

Back Button UCD3138RGCT Datasheet HTML 78Page - Texas Instruments UCD3138RGCT Datasheet HTML 79Page - Texas Instruments UCD3138RGCT Datasheet HTML 80Page - Texas Instruments UCD3138RGCT Datasheet HTML 81Page - Texas Instruments UCD3138RGCT Datasheet HTML 82Page - Texas Instruments UCD3138RGCT Datasheet HTML 83Page - Texas Instruments UCD3138RGCT Datasheet HTML 84Page - Texas Instruments UCD3138RGCT Datasheet HTML 85Page - Texas Instruments UCD3138RGCT Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 99 page
background image
13 Device and Documentation Support
13.1 Device Support
13.1.1 Code Composer Studio
TI offers the Code Composer Studio™ Integrated Development Environment (IDE): including Editor C/C++/
Assembly Code Generation, and Debug. The tool's support documentation is electronically available within the
Code Composer Studio™ Integrated Development Environment (IDE).
13.1.2 Tools and Documentation
Device programming, real time debug and monitoring/configuration of key device parameters for certain power
topologies are all available through Texas Instruments’ Fusion Digital Power Studio Graphical User Interface
(https://www.ti.com/tool/FUSION-DIGITAL-POWER-STUDIO).
The Fusion Digital Power Studio software application uses the PMBus protocol to communicate with the device
over a serial bus using an interface adaptor known as the USB-TO-GPIO, available as an EVM from Texas
Instruments (http://www.ti.com/tool/usb-to-gpio). PMBUS-based real-time debug capability is available through
the ‘Memory Debugger’ tool within the Device GUI module of the Fusion Digital Power Studio GUI, which
represents a powerful alternative over traditional JTAG-based approaches.
The software application can also be used to program the devices, with a version of the tool known as Fusion
Production Tool optimized for manufacturing environments (https://www.ti.com/tool/FUSION-PRODUCTION-
GUI). The Fusion Production Tool supports multiple devices on a board, and includes built-in logging and
reporting capabilities.
In terms of reference documentation, the following programmer’s manuals are available offering detailed
information regarding the application and usage of UCD3138 digital controller:
1. UCD3138 Technical Reference Manual - Key topics covered in this manual include:
• Digital Pulse Width Modulator (DPWM)
– Modes of Operation (Normal/Multi/Phase-shift/Resonant etc)
– Automatic Mode Switching
– DPWMC, Edge Generation & Intra-Mux
• Front End
– Analog Front End
– Error ADC or EADC
– Front End DAC
– Ramp Module
– Successive Approximation Register Module
• Filter
– Filter Math
• Loop Mux
– Analog Peak Current Mode
– Constant Current/Constant Power (CCCP)
– Automatic Cycle Adjustment
• Fault Mux
– Analog Comparators
– Digital Comparators
– Fault Pin functions
– DPWM Fault Action
– Ideal Diode Emulation (IDE), DCM Detection
– Oscillator Failure Detection
• ADC12
– Control, Conversion, Sequencing & Averaging
– Digital Comparators
– Temperature Sensor
– PMBUS Addressing
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
www.ti.com
82
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com