Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RGCT Datasheet(PDF) 95 Page - Texas Instruments

Part # UCD3138RGCT
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138RGCT Datasheet(HTML) 95 Page - Texas Instruments

Back Button UCD3138RGCT Datasheet HTML 91Page - Texas Instruments UCD3138RGCT Datasheet HTML 92Page - Texas Instruments UCD3138RGCT Datasheet HTML 93Page - Texas Instruments UCD3138RGCT Datasheet HTML 94Page - Texas Instruments UCD3138RGCT Datasheet HTML 95Page - Texas Instruments UCD3138RGCT Datasheet HTML 96Page - Texas Instruments UCD3138RGCT Datasheet HTML 97Page - Texas Instruments UCD3138RGCT Datasheet HTML 98Page - Texas Instruments UCD3138RGCT Datasheet HTML 99Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 95 / 99 page
background image
www.ti.com
PACKAGE OUTLINE
C
9.15
8.85
9.15
8.85
1.0
0.8
0.05
0.00
2X 7.5
60X
0.5
2X 7.5
64X
0.5
0.3
64X
0.30
0.18
4.25 0.1
(0.2) TYP
VQFN - 1 mm max height
RGC0064B
PLASTIC QUAD FLATPACK - NO LEAD
4219010/A 10/2018
0.08 C
0.1
C A B
0.05
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
PIN 1 INDEX AREA
SEATING PLANE
PIN 1 ID
SYMM
EXPOSED
THERMAL PAD
SYMM
1
16
17
32
33
48
49
64
65
SCALE 1.500
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com