Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RGCT Datasheet(PDF) 43 Page - Texas Instruments

Part # UCD3138RGCT
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138RGCT Datasheet(HTML) 43 Page - Texas Instruments

Back Button UCD3138RGCT Datasheet HTML 39Page - Texas Instruments UCD3138RGCT Datasheet HTML 40Page - Texas Instruments UCD3138RGCT Datasheet HTML 41Page - Texas Instruments UCD3138RGCT Datasheet HTML 42Page - Texas Instruments UCD3138RGCT Datasheet HTML 43Page - Texas Instruments UCD3138RGCT Datasheet HTML 44Page - Texas Instruments UCD3138RGCT Datasheet HTML 45Page - Texas Instruments UCD3138RGCT Datasheet HTML 46Page - Texas Instruments UCD3138RGCT Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 99 page
background image
Vdd
I BIAS
To ADC Mux
On/Off Control
AD00,
AD01
pin
Resistor to
set PMBus
Address
Figure 9-13. PMBus Address Detection Method
9.5.5.3 General Purpose ADC12
The ADC12 is a 12 bit, high speed analog to digital converter, equipped with the following options:
• Typical conversion speed of 267 ksps
• Conversions can consist from 1 to 16 ADC channel conversions in any desired sequence
• Post conversion averaging capability, ranging from 4X, 8X, 16X or 32X samples
• Configurable triggering for ADC conversions from the following sources: firmware, DPWM rising edge,
ADC_EXT_TRIG pin or Analog Comparator results
• Interrupt capability to embedded processor at completion of ADC conversion
• Six digital comparators on the first 6 channels of the conversion sequence using either raw ADC data or
averaged ADC data
• Two 10 µA current sources for excitation of PMBus addressing resistors
• Dual sample and hold for accurate power measurement
• Internal temperature sensor for temperature protection and monitoring
The control module ADC12 Contol Block Diagram contains the control and conversion logic for auto-sequencing
a series of conversions. The sequencing is fully configurable for any combination of 16 possible ADC channels
through an analog multiplexer embedded in the ADC12 block. Once converted, the selected channel value is
stored in the result register associated with the sequence number. Input channels can be sampled in any desired
order or programmed to repeat conversions on the same channel multiple times during a conversion sequence.
Selected channel conversions are also stored in the result registers in order of conversion, where the result
0 register is the first conversion of a 16-channel sequence and result 15 register is the last conversion of a
16-channel sequence. The number of channels converted in a sequence can vary from 1 to 16.
Unlike EADC0 through EADC2, which are primarily designed for closing high speed compensation loops, the
ADC12 is not usually used for loop compensation purposes. The EADC converters have a substantially faster
conversion rate, thus making them more attractive for closed loop control. The ADC12 features make it best
suited for monitoring and detection of currents, voltages, temperatures and faults. Please see the Typical
Characteristics plots for the temperature variation associated with this function.
www.ti.com
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com