Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RGCT Datasheet(PDF) 91 Page - Texas Instruments

Part # UCD3138RGCT
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138RGCT Datasheet(HTML) 91 Page - Texas Instruments

Back Button UCD3138RGCT Datasheet HTML 87Page - Texas Instruments UCD3138RGCT Datasheet HTML 88Page - Texas Instruments UCD3138RGCT Datasheet HTML 89Page - Texas Instruments UCD3138RGCT Datasheet HTML 90Page - Texas Instruments UCD3138RGCT Datasheet HTML 91Page - Texas Instruments UCD3138RGCT Datasheet HTML 92Page - Texas Instruments UCD3138RGCT Datasheet HTML 93Page - Texas Instruments UCD3138RGCT Datasheet HTML 94Page - Texas Instruments UCD3138RGCT Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 99 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
(1.14)
TYP
(2.74) TYP
(2.74)
TYP
0.05 MIN
ALL SIDES
0.05 MAX
ALL AROUND
40X (0.24)
40X (0.6)
( 0.2) TYP
VIA
( 4.15)
(R0.05) TYP
(5.8)
36X (0.5)
4X ( 0.32)
(5.8)
(0.685)
TYP
(1.14)
TYP
(0.685)
TYP
(0.25) TYP
VQFN - 1 mm max height
RJA0040A
PLASTIC QUAD FLATPACK - NO LEAD
4222901/A 05/2016
SYMM
1
10
11
20
21
30
31
40
SYMM
LAND PATTERN EXAMPLE
SCALE:12X
41
A1
A2
A4
A3
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
METAL
SOLDER MASK
OPENING
SOLDER MASK DETAILS
NON SOLDER MASK
DEFINED
(PREFERRED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com