Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RGCT Datasheet(PDF) 42 Page - Texas Instruments

Part # UCD3138RGCT
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138RGCT Datasheet(HTML) 42 Page - Texas Instruments

Back Button UCD3138RGCT Datasheet HTML 38Page - Texas Instruments UCD3138RGCT Datasheet HTML 39Page - Texas Instruments UCD3138RGCT Datasheet HTML 40Page - Texas Instruments UCD3138RGCT Datasheet HTML 41Page - Texas Instruments UCD3138RGCT Datasheet HTML 42Page - Texas Instruments UCD3138RGCT Datasheet HTML 43Page - Texas Instruments UCD3138RGCT Datasheet HTML 44Page - Texas Instruments UCD3138RGCT Datasheet HTML 45Page - Texas Instruments UCD3138RGCT Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 99 page
background image
Digital Comparator 0
Control
Digital Comparator 1
Control
Digital Comparator 2
Control
Digital Comparator 3
Control
Front End
Control 0
Front End
Control 1
Front End
Control 2
Analog
Comparator 0
Analog Comparator 0
Control
Analog
Comparator 1
Analog Comparator 1
Control
Analog
Comparator 2
Analog Comparator 2
Control
Analog
Comparator 3
Analog Comparator 3
Control
Analog
Comparator 4
Analog Comparator 4
Control
Analog
Comparator 5
Analog Comparator 5
Control
Analog
Comparator 6
Analog Comparator 6
Control
External GPIO
Detection
fault[2:0]
DPWM 0
DPWM 1
DPWM 2
DPWM 3
DPWM 0
Fault Control
DPWM 1
Fault Control
DPWM 2
Fault Control
DPWM 3
Fault Control
Analog Comparator
Automated Ramp
DCM Detection
HFO/LFO
Fail Detect
Figure 9-12. Fault Mux Block Diagram
9.5.5 Communication Ports
9.5.5.1 SCI (UART) Serial Communication Interface
A maximum of two independent Serial Communication Interface (SCI) or Universal Asynchronous Receiver/
Transmitter pre-scaler (UART) interfaces are included within the device for asynchronous start-stop serial data
communication (see the pin out sections for details) Each interface has a 24 bit for supporting programmable
baud rates and has programmable data word and stop bit options. Half or full duplex operation is configurable
through register bits. A loop back feature can also be setup for firmware verification. Both SCI-TX and SCI-RX
pin sets can be used as GPIO pins when the peripheral is not being used.
9.5.5.2 PMBUS
The PMBus Interface supports independent master and slave modes controlled directly by firmware through
a processor bus interface. Individual control and status registers enable firmware to send or receive I2C,
SMBus or PMBus messages in any of the accepted protocols, in accordance with the I2C Specification, SMBus
Specification (Version 2.0) and the PMBUS Power System Management Protocol Specification.
The PMBus interface is controlled through a processor bus interface, utilizing a 32-bit data bus and 6-bit address
bus. The PMBus interface is connected to the expansion bus, which features 4 byte write enables, a peripheral
select dedicated for the PMBus interface, separated 32-bit data buses for reading and writing of data and
active-low write and output enable control signals. In addition, the PMBus Interface connects directly to the
I2C/SMBus/PMBus Clock, Data, Alert, and Control signals.
Example: PMBus Address Decode via ADC12 Reading
The user can allocate 2 pins of the 12-bit ADC input channels, AD_00 and AD_01, for PMBus address decoding.
At power-up the device applies IBIAS to each address detect pin and the voltage on that pin is captured by the
internal 12-bit ADC.
Where bin(VAD0x) is the address bin for one of 12 address as shown in Figure 9-13.
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
www.ti.com
42
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com