Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RGCT Datasheet(PDF) 75 Page - Texas Instruments

Part # UCD3138RGCT
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138RGCT Datasheet(HTML) 75 Page - Texas Instruments

Back Button UCD3138RGCT Datasheet HTML 71Page - Texas Instruments UCD3138RGCT Datasheet HTML 72Page - Texas Instruments UCD3138RGCT Datasheet HTML 73Page - Texas Instruments UCD3138RGCT Datasheet HTML 74Page - Texas Instruments UCD3138RGCT Datasheet HTML 75Page - Texas Instruments UCD3138RGCT Datasheet HTML 76Page - Texas Instruments UCD3138RGCT Datasheet HTML 77Page - Texas Instruments UCD3138RGCT Datasheet HTML 78Page - Texas Instruments UCD3138RGCT Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 99 page
background image
Figure 12-4. Clamping Diodes for DPWM
12.1.4.5 EAP and EAN Pins
There are three front-end ADCs to sense the feedback signals in the UCD family. These ADCs are dual-ended
sensing input circuitry with good common mode noise rejection. Keep the distance between the two traces as
short as possible when the differential sensing method is used. A local filter close to the EAP and EAN pins is
required as shown in Figure 12-5. Because EAP and EAN are used for feedback loop, C must be selected from
the range of 100 pF to 1000 pF. R is preferred to use low resistance.
Figure 12-5. Local Filter on EAPx and EANx Pins
12.1.4.6 ADC Pins
Use low ESL and ESR ceramic capacitors on ADC pins to decouple with SGND. The capacitor value is selected
such that the cut-off frequency is at least one tenth the sampling frequency if there is no dynamic requirement.
This can help reduce noise coupled during signal transmission.
ADC input is a single-ended signal. If the sensing trace is long, move it away from radiation sources and add
ground shielding between the signal and radiation sources. If there exists a resistor between signal output and
ADC input, the resistor should be located close to the ADC pin. The resistance needs to be less than 1 kΩ.
For example, the sampling frequency is 10 kHz. The cut off frequency of LPF is 1 kHz. With a 1-kΩ equivalent
resistor, select a 0.15-μF capacitor.
www.ti.com
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
75
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com