Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RGCT Datasheet(PDF) 12 Page - Texas Instruments

Part # UCD3138RGCT
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138RGCT Datasheet(HTML) 12 Page - Texas Instruments

Back Button UCD3138RGCT Datasheet HTML 8Page - Texas Instruments UCD3138RGCT Datasheet HTML 9Page - Texas Instruments UCD3138RGCT Datasheet HTML 10Page - Texas Instruments UCD3138RGCT Datasheet HTML 11Page - Texas Instruments UCD3138RGCT Datasheet HTML 12Page - Texas Instruments UCD3138RGCT Datasheet HTML 13Page - Texas Instruments UCD3138RGCT Datasheet HTML 14Page - Texas Instruments UCD3138RGCT Datasheet HTML 15Page - Texas Instruments UCD3138RGCT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 99 page
background image
Table 7-1. UCD3138RGC 64 QFN Pin Attributes (continued)
PIN NO.
NAME
PRIMARY ASSIGNMENT
ALTERNATE ASSIGNMENT
CONFIGURABLE
AS A GPIO?
NO. 1
NO. 2
NO. 3
23
DPWM3A
DPWM 3A output
Yes
24
DPWM3B
DPWM 3B output
Yes
25
DGND
Digital ground
26
SYNC
DPWM Synchronize pin
TCAP
ADC_EXT_TRI
G
PWM0
Yes
27
PMBUS_ALERT
PMBus Alert (Open Drain)
Yes
28
PMBUS_CTRL
PMBus Control (Open Drain)
Yes
29
SCI_TX1
SCI TX 1
PMBUS_ALER
T
Yes
30
SCI_RX1
SCI RX 1
PMBUS_CTRL
Yes
31
PWM0
General purpose PWM 0
Yes
32
PWM1
General purpose PWM 1
Yes
33
DGND
Digital ground
34
INT_EXT
External Interrupt
Yes
35
FAULT0
External fault input 0
Yes
36
FAULT1
External fault input 1
Yes
37
TCK
JTAG TCK (For debugging or manufacturer test only)
TCAP
SYNC
PWM0
Yes
38
TDO
JTAG TDO (For debugging or manufacturer test only)
SCI_TX0
PMBUS_ALERT
FAULT0
Yes
39
TDI
JTAG TDI (For debugging or manufacturer test only)
SCI_RX0
PMBUS_CTRL
FAULT1
Yes
40
TMS
JTAG TMS (For debugging or manufacturer test only)
Yes
41
TCAP
Timer capture input
Yes
42
FAULT2
External fault input 2
Yes
43
FAULT3
External fault input 3
Yes
44
DGND
Digital ground
45
V33DIO
Digital I/O 3.3V core supply
46
BP18
1.8V Bypass
47
V33D
Digital 3.3V core supply
48
AGND
Substrate analog ground
49
AGND
Analog ground
50
EAP0
Channel 0, differential analog voltage, positive input
51
EAN0
Channel 0, differential analog voltage, negative input
52
EAP1
Channel 1, differential analog voltage, positive input
53
EAN1
Channel 1, differential analog voltage, negative input
54
EAP2
Channel 2, differential analog voltage, positive input
(Recommended for peak currrent mode control)
55
EAN2
Channel #2, differential analog voltage, negative input
56
AGND
Analog ground
57
V33A
Analog 3.3-V supply
58
AD00
12-bit ADC, Ch 0, Connected to current source
59
AD01
12-bit ADC, Ch 1, Connected to current source
60
AD02
12-bit ADC, Ch 2, Connected to comparator A, I-share
61
AD05
12-bit ADC, Ch 5
62
AD08
12-bit ADC, Ch 8
63
AD09
12-bit ADC, Ch 9
64
AD11
12-bit ADC, Ch 11
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com