Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RGCT Datasheet(PDF) 9 Page - Texas Instruments

Part # UCD3138RGCT
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138RGCT Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCD3138RGCT Datasheet HTML 5Page - Texas Instruments UCD3138RGCT Datasheet HTML 6Page - Texas Instruments UCD3138RGCT Datasheet HTML 7Page - Texas Instruments UCD3138RGCT Datasheet HTML 8Page - Texas Instruments UCD3138RGCT Datasheet HTML 9Page - Texas Instruments UCD3138RGCT Datasheet HTML 10Page - Texas Instruments UCD3138RGCT Datasheet HTML 11Page - Texas Instruments UCD3138RGCT Datasheet HTML 12Page - Texas Instruments UCD3138RGCT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 99 page
background image
7 Pin Configuration and Functions
UCD3138RGC
(64 QFN)
1
AGND
2
AD13
3
AD12
4
AD10
5
AD07
6
AD06
7
AD04
8
AD03
9
V33DIO
10
/RESET
11
ADC_EXT_TRIG/TCAP/SYNC/PWM0
12
SCI_RX0
13
SCI_TX0
14
DGND
15
PMBUS_CLK/SCI_TX0
16
PMBUS_DATA/SCI_RX0
48
AGND
47
V33D
46
BP18
45
V33DIO
44
DGND
43
FAULT3
42
FAULT2
41
TCAP
40
TMS
39
TDI/SCI_RX0/PMBUS_CTRL/FAULT1
38
TDO/SCI_TX0/PMBUS_ALERT/FAULT0
37
TCK/TCAP/SYNC/PWM0
36
FAULT1
35
FAULT0
34
INT_EXT
33
DGND
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
Figure 7-1. UCD3138RGC 64 QFN Pin Attributes
www.ti.com
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com