Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RGCT Datasheet(PDF) 72 Page - Texas Instruments

Part # UCD3138RGCT
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138RGCT Datasheet(HTML) 72 Page - Texas Instruments

Back Button UCD3138RGCT Datasheet HTML 68Page - Texas Instruments UCD3138RGCT Datasheet HTML 69Page - Texas Instruments UCD3138RGCT Datasheet HTML 70Page - Texas Instruments UCD3138RGCT Datasheet HTML 71Page - Texas Instruments UCD3138RGCT Datasheet HTML 72Page - Texas Instruments UCD3138RGCT Datasheet HTML 73Page - Texas Instruments UCD3138RGCT Datasheet HTML 74Page - Texas Instruments UCD3138RGCT Datasheet HTML 75Page - Texas Instruments UCD3138RGCT Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 99 page
background image
12 Layout
12.1 Layout Guidelines
12.1.1 EMI and EMC Mitigation Guidelines
Every design is different in terms of EMI and EMC mitigation, and all designs require their own solution.
• Apply multiple different capacitors for different frequency range on decoupling circuits. Each capacitor has
different ESL, capacitance and ESR, and different frequency responses.
• Avoid long traces close to radiation sources, and place them into an internal layer. It is preferred to have
ground shielding and add a termination circuit at the end of the trace.
• TI recommends single ground: SGND. A multilayer such as 4 layers board is recommended so that one solid
SGND is dedicated for return current path.
– Use one whole layer (L2) for SGND plane as shown in Figure 12-1. Use many vias (such as 9 vias) to
connect the extended power pad to the internal SGND plane layer. It is preferred to have the vias close to
AGND pins and DGND pins of the device.
Figure 12-1. Optional Ground Layer Assignment
• Add LPF on analog signals close to the header connecting the control card and the power board.
• Do not use a ferrite bead to connect V33A and V33D instead of using 1-Ω resistor.
• Avoid negative current and negative voltage on all pins. Schottky diodes may be needed to clamp the
voltage; avoid the voltage spike on all pins to exceed 3.8 V or below –0.3 V; add Schottky diodes on the pins
which could have voltage spikes during surge test; be aware that Schottky diode has relatively higher leakage
current, which can affect the voltage sensing at high temperatures. The need for external Schottky diodes is
conditional. For example, the DPWM pins only need external Schottky diodes when there is a long distance,
for example, more than 3 inches, between the control card and main power stage because in this case, the
trace can pick up noise and cause electrical overstress on the device pins. The same is true for GPIO and
PMBus pins.
• The auxiliary supply is normally a flyback converter, and its power transformer can generate a large
electromagnetic field which can interfere with other electronic circuitry. By shielding the primary side windings,
the EMI can be effectively reduced so that the surrounding circuits can have a quieter working environment.
12.1.2 BP18 Pin
Two parallel capacitors, 1µF and 10nF, are used between BP18 and SGND. The 10nF is placed closer to the
pin than 1uF. Please note that only for the UCD3138 (40-pin and 64-pin) and UCD3138064 (40-pin and 64-pin)
devices, it is required to have a 2.2-µF decoupling capacitor between V33D to BP18. The 2.2-µF capacitor is
required to ramp BP18 when V33D is ramping up. Place the capacitors close to the device pins, and keep the
return loop as small as possible.
12.1.3 Additional Bias Guidelines
• Apply multiple different capacitors for different frequency range on decoupling circuits. Each capacitor has
different ESL, capacitance, ESR and different frequency response.
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
www.ti.com
72
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com