Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RGCT Datasheet(PDF) 21 Page - Texas Instruments

Part # UCD3138RGCT
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138RGCT Datasheet(HTML) 21 Page - Texas Instruments

Back Button UCD3138RGCT Datasheet HTML 17Page - Texas Instruments UCD3138RGCT Datasheet HTML 18Page - Texas Instruments UCD3138RGCT Datasheet HTML 19Page - Texas Instruments UCD3138RGCT Datasheet HTML 20Page - Texas Instruments UCD3138RGCT Datasheet HTML 21Page - Texas Instruments UCD3138RGCT Datasheet HTML 22Page - Texas Instruments UCD3138RGCT Datasheet HTML 23Page - Texas Instruments UCD3138RGCT Datasheet HTML 24Page - Texas Instruments UCD3138RGCT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 99 page
background image
EAP0
EAN0
DAC0
EADC
4 bit dithering gives 14 bits of effective resolution
97.65625 µV/LSB effective resolution
X
6 bit ADC
8 mV/LSB
Signed 9 bit result
(error) 1 mV /LSB
AFE_GAIN
10 bit DAC
1.5625 mV/LSB
Value
Dither
S
CPCC
Filter x
Ramp
SAR/Prebias
Absolute Value
Calculation
Averaging
10 bit result
1.5625 mV/LSB
2
3-AFE_GAIN
Peak Current Mode
Comparator
Peak Current
Detected
A0
2
AFE_GAIN
Figure 8-5. Front End Module (Front End 2 Recommended for Peak Current Mode Control)
8.8.1.2 DPWM Module
The DPWM module represents one complete DPWM channel with 2 independent outputs, A and B. Multiple
DPWM modules within the UCD3138 system can be configured to support all key power topologies. DPWM
modules can be used as independent DPWM outputs, each controlling one power supply output voltage rail. It
can also be used as a synchronized DPWM—with user selectable phase shift between the DPWM channels to
control power supply outputs with multiphase or interleaved DPWM configurations.
The output of the filter feeds the high resolution DPWM module. The DPWM module produces the pulse width
modulated outputs for the power stage switches. The compensator calculates the necessary duty ratio as a
24-bit number in Q23 fixed point format (23 bit integer with 1 sign bit). This represents a value within the range
0.0 to 1.0. This duty ratio value is used to generate the corresponding DPWM output ON time. The resolution of
the DPWM ON time is 250 psec.
Each DPWM module can be synchronized to another module or to an external sync signal. An input SYNC
signal causes a DPWM ramp timer to reset. The SYNC signal outputs—from each of the four DPWM modules—
occur when the ramp timer crosses a programmed threshold. In this way the phase of the DPWM outputs for
multiple power stages can be tightly controlled.
The DPWM logic is probably the most complex of the Digital Peripherals. It takes the output of the compensator
and converts it into the correct DPWM output for several power supply topologies. It provides for programmable
dead times and cycle adjustments for current balancing between phases. It controls the triggering of the EADC.
It can synchronize to other DPWMs or to external sources. It can provide synchronization information to other
DPWMs or to external recipients. In addition, it interfaces to several fault handling circuits. Some of the control
for these fault handling circuits is in the DPWM registers. Fault handling is covered in the Fault Mux section.
Each DPWM module supports the following features:
• Dedicated 14 bit time-base with period and frequency control
• Shadow period register for end of period updates.
• Quad-event control registers (A and B, rising and falling) (Events 1 to 4)
– Used for on/off DPWM duty ratio updates.
• Phase control relative to other DPWM modules
• Sample trigger placement for output voltage sensing at any point during the DPWM cycle.
• Support for two independent edge placement DPWM outputs (same frequency or period setting)
www.ti.com
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com