Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RGCT Datasheet(PDF) 8 Page - Texas Instruments

Part # UCD3138RGCT
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138RGCT Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCD3138RGCT Datasheet HTML 4Page - Texas Instruments UCD3138RGCT Datasheet HTML 5Page - Texas Instruments UCD3138RGCT Datasheet HTML 6Page - Texas Instruments UCD3138RGCT Datasheet HTML 7Page - Texas Instruments UCD3138RGCT Datasheet HTML 8Page - Texas Instruments UCD3138RGCT Datasheet HTML 9Page - Texas Instruments UCD3138RGCT Datasheet HTML 10Page - Texas Instruments UCD3138RGCT Datasheet HTML 11Page - Texas Instruments UCD3138RGCT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 99 page
background image
6.2 Product Selection Matrix
FEATURE
UCD3138 64 PIN
(RGC)
UCD3138 40 PIN
(RHA/RMH/RJA)
ARM7TDMI-S core processor
31.25 MHz
31.25 MHz
High resolution dPWM outputs (250-ps resolution)
8
8
Number of high speed independent feedback loops (number of regulated output
voltages)
3
3
12-bit, 267ksps, general-purpose ADC channels
14
7
Digital comparators at ADC outputs
4
4
Flash memory (program)
32 KB
32 KB
Flash memory (data)
2 KB
2 KB
Flash security
√
√
RAM
4 KB
4 KB
DPWM switching frequency
up to 2 MHz
up to 2 MHz
Programmable fault inputs
4
1 + 2(1)
High speed analog comparators with cycle-by-cycle current limiting
7(2)
6(2)
UART (SCI)
2
1(1)
PMBus
√
√
Timers
4 (16 bit) and 1 (24 bit)
4 (16 bit) and 1 (24 bit)
Timer PWM outputs
2
1
Timer capture inputs
1
1(1)
Watchdog
√
√
On chip oscillator
√
√
Power-on reset and brown-out reset
√
√
Package offering
64 Pin QFN (9 mm × 9 mm) 40 Pin QFN (6 mm × 6 mm)
Sync IN and sync OUT functions
√
√
Total GPIO (includes all pins with multiplexed functions such as, DPWM, fault
inputs, SCI, and so forth)
30
18
External interrupts
1
0
(1)
This number represents an alternate pin out that is programmable via firmware. See the UCD3138 Digital Power Peripherals
Programmer’s Manual for details.
(2)
To facilitate simple OVP and UVP connections both comparators B and C are connected to the AD03 pin.
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com