Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3665PVC-LP Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # CY8C3665PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3665PVC-LP Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button CY8C3665PVC-LP Datasheet HTML 19Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 20Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 21Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 22Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 23Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 24Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 25Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 26Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 22 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
5.7 Memory Map
The Cortex-M3 has a fixed address map, which allows
peripherals to be accessed by simple memory access
instructions.
5.7.1 Address Map
The 4-GB address space is divided into the ranges shown in
Table 5-4:
The bit-band feature allows individual bits in SRAM to be read or
written as atomic operations. This is done by reading or writing
bit 0 of corresponding words in the bit-band alias region. For
example, to set bit 3 in the word at address 0x20000000, write a
1 to address 0x2200000C. To test the value of that bit, read
address 0x2200000C and the result is either 0 or 1 depending
on the value of the bit.
Most memory accesses done by the Cortex-M3 are aligned, that
is, done on word (4-byte) boundary addresses. Unaligned
accesses of words and 16-bit half-words on nonword boundary
addresses can also be done, although they are less efficient.
5.7.2 Address Map and Cortex-M3 Buses
The ICode and DCode buses are used only for accesses within
the Code address range, 0–0x1FFFFFFF.
The System bus is used for data accesses and debug accesses
within
the
ranges
0x20000000–0xDFFFFFFF
and
0xE0100000–0xFFFFFFFF. Instruction fetches can also be
done within the range 0x20000000–0x3FFFFFFF, although
these can be slower than instruction fetches via the ICode bus.
The private peripheral bus (PPB) is used within the Cortex-M3 to
access system control registers and debug and trace module
registers.
Table 5-4. Address Map
Address Range
Size
Use
0x00000000–
0x1FFFFFFF
0.5 GB Program code. This includes
the exception vector table at
power up, which starts at
address 0.
0x20000000–
0x3FFFFFFF
0.5 GB Static RAM. This includes a 1
MByte bit-band region
starting at 0x20000000 and a
32 Mbyte bit-band alias
region starting at
0x22000000.
0x40000000–
0x5FFFFFFF
0.5 GB Peripherals.
0x60000000–
0x9FFFFFFF
1 GB
External RAM.
0xA0000000–
0xDFFFFFFF
1 GB
External peripherals.
0xE0000000–
0xFFFFFFFF
0.5 GB Internal peripherals, including
the NVIC and debug and
trace modules.
Table 5-5. Peripheral Data Address Map
Address Range
Purpose
0x00000000–0x0003FFFF
256 KB flash
0x1FFF8000–0x1FFFFFFF 32 KB SRAM in Code region
0x20000000–0x20007FFF
32 KB SRAM in SRAM region
0x40004000–0x400042FF
Clocking, PLLs, and oscillators
0x40004300–0x400043FF
Power management
0x40004500–0x400045FF
Ports interrupt control
0x40004700–0x400047FF
Flash programming interface
0x40004800–0x400048FF
Cache controller
0x40004900–0x400049FF
I2C controller
0x40004E00–0x40004EFF
Decimator
0x40004F00–0x40004FFF
Fixed timer/counter/PWMs
0x40005000–0x400051FF
I/O ports control
0x40005400–0x400054FF
External Memory Interface
(EMIF) control registers
0x40005800–0x40005FFF
Analog Subsystem Interface
0x40006000–0x400060FF
USB Controller
0x40006400–0x40006FFF
UDB Working Registers
0x40007000–0x40007FFF
PHUB Configuration
0x40008000–0x400087FF
EEPROM
0x4000A000–0x4000A400
CAN
0x4000C000–0x4000C800
Digital Filter Block
0x40010000–0x4001FFFF
Digital Interconnect Configuration
0x48000000–0x48007FFF
Flash ECC Bytes
0x60000000–0x60FFFFFF
External Memory Interface
(EMIF)
0xE0000000–0xE00FFFFF Cortex-M3 PPB Registers,
including NVIC, debug, and trace
Table 5-5. Peripheral Data Address Map (continued)
Address Range
Purpose



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com