Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3665PVC-LP Datasheet(PDF) 31 Page - Infineon Technologies AG

Part # CY8C3665PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3665PVC-LP Datasheet(HTML) 31 Page - Infineon Technologies AG

Back Button CY8C3665PVC-LP Datasheet HTML 27Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 28Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 29Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 30Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 31Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 32Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 33Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 34Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 35Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 30 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
Figure 6-6. Application of Boost Converter powering PSoC device
The boost converter may also generate a supply that is not used
directly by the PSoC device. An example of this use case is
boosting a 1.8 V supply to 4.0 V to drive a white LED. If the boost
converter is not supplying the PSoC devices VDDA, VDDD, and
VDDIO it must comply with the same design rules as supplying
the PSoC device, but with a change to the bulk capacitor
requirements. A parallel arrangement 22 µF, 1.0 µF, and 0.1 µF
capacitors are all required on the Vout supply and must be
placed within 1 cm of the VBOOST pin to ensure regulator
stability.
Figure 6-7. Application of Boost Converter not powering PSoC device
VBOOST
VBAT
VSSB
IND
VDDD
VDDA
VDDIO0
VSSA
VSSD
Boost
Logic
VDDIO1
VDDIO2
VDDIO3
0.1 µF
0.1 µF
0.1 µF
0.1 µF
22 µF
0.1 µF
0.1 µF
1.0 µF
1.0 µF
22 µF
4.7 µH
10 µH
22 µH
Schottky, 1A
VDDD
0.1 µF
1.0 µF
All components and values are required
0.5–3.6 V
PSoC
External
Load
VBOOST
VBAT
VSSB
IND
VDDD
VDDA
VDDIO0
VSSA
VSSD
Boost
Logic
VDDIO1
VDDIO2
VDDIO3
22 µF
4.7 µH
10 µH
22 µH
Schottky, 1A
VDDD
All components and values are required
0.5–3.6 V
22 µF
0.1 µF
1.0 µF
VDDA, VDDD, and
VDDIO connections
per section 6.2
Power System.
VOUT
PSoC
External
Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com