Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3665PVC-LP Datasheet(PDF) 51 Page - Infineon Technologies AG

Part # CY8C3665PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3665PVC-LP Datasheet(HTML) 51 Page - Infineon Technologies AG

Back Button CY8C3665PVC-LP Datasheet HTML 47Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 48Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 49Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 50Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 51Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 52Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 53Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 54Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 55Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 50 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
Figure 7-18. I2C Complete Transfer Timing
7.8.1 External Electrical Connections
As Figure 7-19 shows, the I2C bus requires external pull-up
resistors (RP). These resistors are primarily determined by the
supply voltage, bus speed, and bus capacitance. For detailed
information on how to calculate the optimum pull-up resistor
value for your design, we recommend using the UM10204
I2C-bus specification and user manual Rev 6, or newer, available
from the NXP website at www.nxp.com.
Figure 7-19. Connection of Devices to the I2C Bus
For most designs, the default values in Table 7-2 will provide
excellent performance without any calculations. The default
values were chosen to use standard resistor values between the
minimum and maximum limits. The values in Table 7-2 work for
designs with 1.8 V to 5.0V VDD, less than 200-pF bus capaci-
tance (CB), up to 25 µA of total input leakage (IIL), up to 0.4 V
output voltage level (VOL), and a max VIH of 0.7 * VDD. Standard
Mode and Fast Mode can use either GPIO or SIO PSoC pins.
Fast Mode Plus requires use of SIO pins to meet the VOL spec
at 20 mA. Calculation of custom pull-up resistor values is
required; if your design does not meet the default assumptions,
you use series resistors (RS) to limit injected noise, or you need
to maximize the resistor value for low power consumption.
Calculation of the ideal pull-up resistor value involves finding a
value between the limits set by three equations detailed in the
NXP I2C specification. These equations are:
Equation 1:
Equation 2:
Equation 3:
Equation parameters:
VDD = Nominal supply voltage for I2C bus
VOL = Maximum output low voltage of bus devices.
IOL= Low-level output current from I2C specification
TR = Rise Time of bus from I2C specification
CB = Capacitance of each bus line including pins and PCB traces
VIH = Minimum high-level input voltage of all bus devices
VNH = Minimum high-level input noise margin from I2C specifi-
cation
IIH = Total input leakage current of all devices on the bus
The supply voltage (VDD) limits the minimum pull-up resistor
value due to bus devices maximum low output voltage (VOL)
specifications. Lower pull-up resistance increases current
though the pins and can, therefore, exceed the spec conditions
of VOH. Equation 1 is derived using Ohm's law to determine the
minimum resistance that will still meet the VOL specification at
3 mA for standard and fast modes, and 20 mA for fast mode plus
at the given VDD.
Equation 2 determines the maximum pull-up resistance due to
bus capacitance. Total bus capacitance is comprised of all pin,
wire, and trace capacitance on the bus. The higher the bus
capacitance, the lower the pull-up resistance required to meet
the specified bus speeds rise time due to RC delays. Choosing
a pull-up resistance higher than allowed can result in failing
timing requirements resulting in communication errors. Most
designs with five or less I2C devices and up to 20 centimeters of
bus trace length have less than 100 pF of bus capacitance.
A secondary effect that limits the maximum pull-up resistor value
is total bus leakage calculated in Equation 3. The primary source
of leakage is I/O pins connected to the bus. If leakage is too high,
the pull-ups will have difficulty maintaining an acceptable VIH
level causing communication errors. Most designs with five or
less I2C devices on the bus have less than 10 µA of total leakage
current.
SDA
SCL
1 - 7
8
9
1 - 7
8
9
1 - 7
8
9
START
Condition
ADDRESS
R/W
ACK
DATA
ACK
DATA
ACK
STOP
Condition
Table 7-2. Recommended default Pull-up Resistor Values
RP
Units
Standard Mode – 100 kbps
4.7 k, 5%
Ω
Fast Mode – 400 kbps
1.74 k, 1%
Ω
Fast Mode Plus – 1 Mbps
620, 5%
Ω
RPMIN
VDD max
() VOL
–
max
()
() IOL min
()
()
⁄
=
RPMAX
TR max
() 0.8473 CB max
()
×
⁄
=
RPMAX
VDD min
() VIH min
()
–
VNH min
() IIH max
()
⁄
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com