Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3665PVC-LP Datasheet(PDF) 86 Page - Infineon Technologies AG

Part # CY8C3665PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3665PVC-LP Datasheet(HTML) 86 Page - Infineon Technologies AG

Back Button CY8C3665PVC-LP Datasheet HTML 82Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 83Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 84Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 85Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 86Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 87Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 88Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 89Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 90Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 85 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
11.5 Analog Peripherals
Specifications are valid for –40 °C
≤ TA ≤ 105 °C and TJ ≤ 120 °C, except where noted. Specifications are valid for 1.71 V to 5.5 V,
except where noted.
11.5.1 Opamp
Figure 11-25. Opamp Vos Histogram, 7020 samples/1755
parts, 30 °C, VDDA = 3.3 V
Figure 11-26. Opamp Vos vs Temperature, VDDA = 5 V
Table 11-18. Opamp DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
VI
Input voltage range
VSSA
–VDDA
V
Vos
Input offset voltage
–
–
2.5
mV
Operating temperature –40 °C to
70 °C
––
2
mV
TCVos
Input offset voltage drift with temper-
ature
Power mode = high
–
–
±30
µV / °C
Ge1
Gain error, unity gain buffer mode
Rload = 1 k
Ω
––
±0.1
%
Cin
Input capacitance
Routing from pin
–
–
18
pF
Vo
Output voltage range
1 mA, source or sink, power mode
= high
VSSA + 0.05
–
VDDA –
0.05
V
Iout
Output current capability, source or sink VSSA + 500 mV ≤ VOUT ≤ VDDA
–500 mV, VDDA > 2.7 V
25
–
–
mA
VSSA + 500 mV ≤ VOUT ≤ VDDA
–500 mV, 1.7 V = VDDA ≤ 2.7 V
16
–
–
mA
Idd
Quiescent current[43]
Power mode = min
–
250
400
uA
Power mode = low
–
250
400
uA
Power mode = med
–
330
950
uA
Power mode = high
–
1000
2500
uA
CMRR
Common mode rejection ratio[43]
80
–
–
dB
PSRR
Power supply rejection ratio[43]
VDDA ≥ 2.7 V
85
–
–
dB
VDDA < 2.7 V
70
–
–
dB
IIB
Input bias current[43]
25 °C
–
10
–
pA
Note
43. Based on device characterization (Not production tested).
10
12
14
16
18
20
0
2
4
6
8
10
Vos, mV
0
0.1
0.2
-0.3
-0.2
-0.1
-40
-20
0
20406080
100
Temperature, °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com