Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3665PVC-LP Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # CY8C3665PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3665PVC-LP Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button CY8C3665PVC-LP Datasheet HTML 14Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 15Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 16Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 17Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 18Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 19Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 20Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 21Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 17 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
4.4 Interrupt Controller
The Cortex-M3 NVIC supports 16 system exceptions and 32 interrupts from peripherals, as shown in Table 4-5.
Bit 0 of each exception vector indicates whether the exception is
executed using Arm or Thumb instructions. Because the
Cortex-M3 only supports Thumb instructions, this bit must
always be 1. The Cortex-M3 non maskable interrupt (NMI) input
can be routed to any pin, via the DSI, or disconnected from all
pins. See DSI Routing Interface Description on page 45.
The Nested Vectored Interrupt Controller (NVIC) handles
interrupts from the peripherals, and passes the interrupt vectors
to the CPU. It is closely integrated with the CPU for low latency
interrupt handling. Features include:
32 interrupts. Multiple sources for each interrupt.
Eight priority levels, with dynamic priority control.
Priority grouping. This allows selection of preempting and non
preempting interrupt levels.
Support for tail-chaining, and late arrival, of interrupts. This
enables back-to-back interrupt processing without the
overhead of state saving and restoration between interrupts.
Processor state automatically saved on interrupt entry, and
restored on interrupt exit, with no instruction overhead.
If the same priority level is assigned to two or more interrupts,
the interrupt with the lower vector number is executed first. Each
interrupt vector may choose from three interrupt sources: Fixed
Function, DMA, and UDB. The fixed function interrupts are direct
connections to the most common interrupt sources and provide
the lowest resource cost connection. The DMA interrupt sources
provide direct connections to the two DMA interrupt sources
provided per DMA channel. The third interrupt source for vectors
is from the UDB digital routing array. This allows any digital signal
available to the UDB array to be used as an interrupt source. All
interrupt sources may be routed to any interrupt vector using the
UDB interrupt source connections.
Table 4-5. Cortex-M3 Exceptions and Interrupts
Exception
Number
Exception Type
Priority
Exception Table
Address Offset
Function
0x00
Starting value of R13 / MSP
1
Reset
-3 (highest)
0x04
Reset
2
NMI
-2
0x08
Non maskable interrupt
3
Hard fault
-1
0x0C
All classes of fault, when the corresponding fault handler
cannot be activated because it is currently disabled or
masked
4
MemManage
Programmable
0x10
Memory management fault, for example, instruction
fetch from a nonexecutable region
5
Bus fault
Programmable
0x14
Error response received from the bus system; caused
by an instruction prefetch abort or data access error
6
Usage fault
Programmable
0x18
Typically caused by invalid instructions or trying to
switch to Arm mode
7–10
-
-
0x1C–0x28
Reserved
11
SVC
Programmable
0x2C
System service call via SVC instruction
12
Debug monitor
Programmable
0x30
Debug monitor
13
-
-
0x34
Reserved
14
PendSV
Programmable
0x38
Deferred request for system service
15
SYSTICK
Programmable
0x3C
System tick timer
16–47
IRQ
Programmable
0x40–0x3FC
Peripheral interrupt request #0 - #31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com