Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3665PVC-LP Datasheet(PDF) 94 Page - Infineon Technologies AG

Part # CY8C3665PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3665PVC-LP Datasheet(HTML) 94 Page - Infineon Technologies AG

Back Button CY8C3665PVC-LP Datasheet HTML 90Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 91Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 92Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 93Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 94Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 95Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 96Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 97Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 98Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 93 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
11.5.3 Voltage Reference
Figure 11-39. Vref vs Temperature
Figure 11-40. Vref Long-term Drift
Table 11-27. Voltage Reference Specifications
See ADC external reference specifications in Delta-Sigma ADC on page 88.
Parameter
Description
Conditions
Min
Typ
Max
Units
VREF[50]
Precision reference voltage
Initial trimming, 25 °C
1.023
(–0.1%)
1.024
1.025
(+0.1%)
V
After typical PCB assembly,
post reflow
Typical (non-optimized) board
layout and 250 °C solder reflow.
Device may be calibrated after
assembly to improve performance.
–40 °C
–
±0.5
–
%
25 °C
–
±0.2
–
%
85 °C
–
±0.2
–
%
105 °C
–
±0.3
–
%
Temperature drift[51]
––
30
ppm/°C
Long term drift[51]
–
100
–
ppm/Khr
Thermal cycling drift
(stability)[51]
–
100
–
ppm
1024
1024.5
1025
1023
1023.5
1024
-40
-20
0
20
40
60
80
100
Temperature, °C
1.95V
1.8V
1.71V
Notes
50. VREF is measured after packaging, and thus accounts for substrate and die attach stresses.
51. Based on device characterization (Not production tested).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com