Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3665PVC-LP Datasheet(PDF) 74 Page - Infineon Technologies AG

Part # CY8C3665PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3665PVC-LP Datasheet(HTML) 74 Page - Infineon Technologies AG

Back Button CY8C3665PVC-LP Datasheet HTML 70Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 71Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 72Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 73Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 74Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 75Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 76Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 77Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 78Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 73 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
IOUT
Output current
TA = 0 °C–70 °C
VBAT = 0.5 V–0.8 V
0
–
5
mA
TA = –10 °C–85 °C VBAT = 1.6 V–3.6 V
0
–
15
mA
VBAT = 0.8 V–1.6 V
0
–
25
mA
VBAT = 1.3 V–2.5 V
0
–
50
mA
VBAT = 2.5 V–3.6 V
0
–
50
mA
TA = –40 °C–85 °C VBAT = 1.8 V–2.5 V
0
–
50
mA
ILPK
Inductor peak current
–
–
700
mA
IQ
Quiescent current
Boost active mode
–
250
–
µA
Boost sleep mode, IOUT < 1 µA
–
25
–
µA
RegLOAD
Load regulation
–
–
10
%
RegLINE
Line regulation
–
–
10
%
Table 11-6. Inductive Boost Regulator DC Specifications (continued)
Parameter
Description
Conditions
Min
Typ
Max
Units
Notes
29. Listed vsel options are characterized. Additional VSEL options are valid and guaranteed by design.
30. The boost will start at all valid VBAT conditions including down to VBAT = 0.5 V.
31. If VBAT is greater than or equal to VOUT boost setting, then VOUT will be less than VBAT due to resistive losses in the boost circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com