Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3665PVC-LP Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # CY8C3665PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3665PVC-LP Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button CY8C3665PVC-LP Datasheet HTML 3Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 4Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 5Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 6Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 7Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 8Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 9Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 10Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 6 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
The PSoC device incorporates flexible internal clock generators,
designed for high stability and factory trimmed for high accuracy.
The internal main oscillator (IMO) is the master clock base for
the system, and has one-percent accuracy at 3 MHz. The IMO
can be configured to run from 3 MHz up to 74 MHz. Multiple clock
derivatives can be generated from the main clock frequency to
meet application needs. The device provides a PLL to generate
system clock frequencies up to 80 MHz from the IMO, external
crystal, or external reference clock. It also contains a separate,
very low-power internal low-speed oscillator (ILO) for the sleep
and watchdog timers. A 32.768-kHz external watch crystal is
also supported for use in RTC applications. The clocks, together
with programmable clock dividers, provide the flexibility to
integrate most timing requirements.
The CY8C58LP family supports a wide supply operating range
from 1.71 to 5.5 V. This allows operation from regulated supplies
such as 1.8 ± 5%, 2.5 V ±10%, 3.3 V ± 10%, or 5.0 V ± 10%, or
directly from a wide range of battery types. In addition, it provides
an integrated high efficiency synchronous boost converter that
can power the device from supply voltages as low as 0.5 V. This
enables the device to be powered directly from a single battery.
In addition, you can use the boost converter to generate other
voltages required by the device, such as a 3.3 V supply for LCD
glass drive. The boost’s output is available on the VBOOST pin,
allowing other devices in the application to be powered from the
PSoC.
PSoC supports a wide range of low power modes. These include
a 300-nA hibernate mode with RAM retention and a 2-µA sleep
mode with RTC. In the second mode, the optional 32.768-kHz
watch crystal runs continuously and maintains an accurate RTC.
Power to all major functional blocks, including the programmable
digital and analog peripherals, can be controlled independently
by firmware. This allows low power background processing
when some peripherals are not in use. This, in turn, provides a
total device current of only 3.1 mA when the CPU is running at
6MHz.
The details of the PSoC power modes are covered in the Power
System on page 26 of this datasheet.
PSoC uses JTAG (4 wire) or SWD (2 wire) interfaces for
programming, debug, and test. Using these standard interfaces
you can debug or program the PSoC with a variety of hardware
solutions from Cypress or third party vendors. The Cortex-M3
debug and trace modules include FPB, DWT, ETM, and ITM.
These modules have many features to help solve difficult debug
and trace problems. Details of the programming, test, and
debugging interfaces are discussed in the Programming, Debug
Interfaces, Resources on page 61 of this datasheet.
2. Pinouts
Each VDDIO pin powers a specific set of I/O pins. (The USBIOs
are powered from VDDD.) Using the VDDIO pins, a single PSoC
can support multiple voltage levels, reducing the need for
off-chip level shifters. The black lines drawn on the pinout
diagrams in Figure 2-3 and Figure 2-4, as well as Table 2-1,
show the pins that are powered by each VDDIO.
Each VDDIO may source up to 100 mA total to its associated I/O
pins, as shown in Figure 2-1.
Figure 2-1. VDDIO Current Limit
Conversely, for the 100-pin and 68-pin devices, the set of I/O
pins associated with any VDDIO may sink up to 100 mA total, as
shown in Figure 2-2.
Figure 2-2. I/O Pins Current Limit
PSoC
VDDIO X
IDDIO X
mA
I/O Pins
PSoC
VDDIO X
Ipins
mA
I/O Pins
VSSD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com