Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3665PVC-LP Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # CY8C3665PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3665PVC-LP Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button CY8C3665PVC-LP Datasheet HTML 2Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 3Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 4Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 5Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 6Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 7Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 8Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 9Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 5 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
In addition to the flexibility of the UDB array, PSoC also provides
configurable digital blocks targeted at specific functions. For the
CY8C58LP family, these blocks can include four 16-bit timers,
counters, and PWM blocks; I2C slave, master, and multimaster;
Full-Speed USB; and Full CAN 2.0.
For more details on the peripherals see the Example Peripherals
on page 40 of this datasheet. For information on UDBs, DSI, and
other digital blocks, see the Digital Subsystem on page 40 of this
datasheet.
PSoC’s analog subsystem is the second half of its unique
configurability. All analog performance is based on a highly
accurate absolute voltage reference with less than 0.1% error
over temperature and voltage. The configurable analog
subsystem includes:
Analog muxes
Comparators
Analog mixers
Voltage references
ADCs
DACs
Digital filter block (DFB)
All GPIO pins can route analog signals into and out of the device
using the internal analog bus. This allows the device to interface
up to 62 discrete analog signals. One of the ADCs in the analog
subsystem is a fast, accurate, configurable delta-sigma ADC
with these features:
Less than 100-µV offset
A gain error of 0.2%
Integral non linearity (INL) less than ±2 LSB
Differential non linearity (DNL) less than ±1 LSB
SINAD better than 84 dB in 16-bit mode
This converter addresses a wide variety of precision analog
applications including some of the most demanding sensors.
The CY8C58LP family also offers up to two SAR ADCs.
Featuring 12-bit conversions at up to 1 M samples per second,
they also offer low nonlinearity and offset errors and SNR better
than 70 dB. They are well-suited for a variety of higher speed
analog applications.
The output of any of the ADCs can optionally feed the
programmable DFB via DMA without CPU intervention. You can
configure the DFB to perform IIR and FIR digital filters and
several user defined custom functions. The DFB can implement
filters with up to 64 taps. It can perform a 48-bit
multiply-accumulate (MAC) operation in one clock cycle.
Four high-speed voltage or current DACs support 8-bit output
signals at an update rate of up to 8 Msps. They can be routed
out of any GPIO pin. You can create higher resolution voltage
PWM DAC outputs using the UDB array. This can be used to
create a pulse width modulated (PWM) DAC of up to 10 bits, at
up to 48 kHz. The digital DACs in each UDB support PWM, PRS,
or delta-sigma algorithms with programmable widths.
In addition to the ADCs, DACs, and DFB, the analog subsystem
provides multiple:
Comparators
Uncommitted opamps
Configurable switched capacitor/continuous time (SC/CT)
blocks. These support:
Transimpedance amplifiers
Programmable gain amplifiers
Mixers
Other similar analog components
See the “Analog Subsystem” section on page 51 of this
datasheet for more details.
PSoC’s CPU subsystem is built around a 32-bit three-stage
pipelined Arm Cortex-M3 processor running at up to 80 MHz.
The Cortex-M3 includes a tightly integrated nested vectored
interrupt controller (NVIC) and various debug and trace modules.
The overall CPU subsystem includes a DMA controller, flash
cache, and RAM. The NVIC provides low latency, nested
interrupts, and tail-chaining of interrupts and other features to
increase the efficiency of interrupt handling. The DMA controller
enables peripherals to exchange data without CPU involvement.
This allows the CPU to run slower (saving power) or use those
CPU cycles to improve the performance of firmware algorithms.
The flash cache also reduces system power consumption by
allowing less frequent flash access.
PSoC’s nonvolatile subsystem consists of flash, byte-writeable
EEPROM, and nonvolatile configuration options. It provides up
to 256 KB of on-chip flash. The CPU can reprogram individual
blocks of flash, enabling boot loaders. You can enable an ECC
for high reliability applications. A powerful and flexible protection
model secures the user's sensitive information, allowing
selective memory block locking for read and write protection.
Two KB of byte-writable EEPROM is available on-chip to store
application data. Additionally, selected configuration options
such as boot speed and pin drive mode are stored in nonvolatile
memory. This allows settings to activate immediately after POR.
The three types of PSoC I/O are extremely flexible. All I/Os have
many drive modes that are set at POR. PSoC also provides up
to four I/O voltage domains through the VDDIO pins. Every GPIO
has analog I/O, LCD drive, CapSense, flexible interrupt
generation, slew rate control, and digital I/O capability. The SIOs
on PSoC allow VOH to be set independently of VDDIO when used
as outputs. When SIOs are in input mode they are high
impedance. This is true even when the device is not powered or
when the pin voltage goes above the supply voltage. This makes
the SIO ideally suited for use on an I2C bus where the PSoC may
not be powered when other devices on the bus are. The SIO pins
also have high current sink capability for applications such as
LED drives. The programmable input threshold feature of the
SIO can be used to make the SIO function as a general purpose
analog comparator. For devices with FS USB, the USB physical
interface is also provided (USBIO). When not using USB, these
pins may also be used for limited digital functionality and device
programming. All the features of the PSoC I/Os are covered in
detail in the I/O System and Routing
on page 33 of this
datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com