Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3665PVC-LP Datasheet(PDF) 91 Page - Infineon Technologies AG

Part # CY8C3665PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3665PVC-LP Datasheet(HTML) 91 Page - Infineon Technologies AG

Back Button CY8C3665PVC-LP Datasheet HTML 87Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 88Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 89Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 90Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 91Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 92Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 93Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 94Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 95Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 90 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
Figure 11-33. Delta-sigma ADC IDD vs sps, Range = ±1.024 V,
Continuous Sample Mode, Input Buffer Bypassed
Figure 11-34. Delta-sigma ADC Noise Histogram, 1000 Sam-
ples, 20-Bit, 187 sps, Ext Ref, VIN = VREF/2, Range = ±1.024 V
Figure 11-35. Delta-sigma ADC Noise Histogram, 1000
Samples, 16-bit, 48 ksps, Ext Ref, VIN = VREF/2, Range =
±1.024 V
Figure 11-36. Delta-sigma ADC Noise Histogram, 1000
Samples, 16-bit, 48 ksps, Int Ref, VIN = VREF/2, Range =
±1.024 V
Table 11-22. Delta-sigma ADC Sample Rates, Range = ±1.024 V
Resolution, Bits
Continuous
Multi-Sample
Multi-Sample Turbo
Min
Max
Min
Max
Min
Max
8
8000
384000
1911
91701
1829
87771
9
6400
307200
1543
74024
1489
71441
10
5566
267130
1348
64673
1307
62693
11
4741
227555
1154
55351
1123
53894
12
4000
192000
978
46900
956
45850
13
3283
157538
806
38641
791
37925
14
2783
133565
685
32855
674
32336
15
2371
113777
585
28054
577
27675
16
2000
48000
495
11861
489
11725
17
500
12000
124
2965
282
6766
18
125
3000
31
741
105
2513
19
16
375
4
93
15
357
20
8
187.5
2
46
8
183
1
1.5
2
0
0.5
1
110
100
1000
Sample Rate, Ksps
16 bit
12 bit
10
15
0
5
Code, 20bit
15
20
25
30
0
5
10
Counts, 16 bit
15
20
25
0
5
10
Counts, 16 bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com