Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3665PVC-LP Datasheet(PDF) 89 Page - Infineon Technologies AG

Part # CY8C3665PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3665PVC-LP Datasheet(HTML) 89 Page - Infineon Technologies AG

Back Button CY8C3665PVC-LP Datasheet HTML 85Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 86Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 87Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 88Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 89Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 90Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 91Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 92Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 93Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 88 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
11.5.2 Delta-Sigma ADC
Unless otherwise specified, operating conditions are:
Operation in continuous sample mode
fclk = 3.072 MHz for resolution = 16 to 20 bits; fclk = 6.144 MHz for resolution = 8 to 15 bits
Reference = 1.024 V internal reference bypassed on P3.2 or P0.3
Unless otherwise specified, all charts and graphs show typical values
Table 11-20. 20-bit Delta-sigma ADC DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Resolution
8
–
20
bits
Number of channels, single ended
–
–
No. of
GPIO
–
Number of channels, differential
Differential pair is formed using a
pair of GPIOs.
––
No. of
GPIO/2
–
Monotonic
Yes
–
–
–
–
Ge
Gain error
Buffered, buffer gain = 1, Range =
±1.024 V, 16-bit mode, 25 °C
––
±0.4
%
Gd
Gain drift
Buffered, buffer gain = 1, Range =
±1.024 V, 16-bit mode
––
50
ppm/°
C
Vos
Input offset voltage
Buffered, 16-bit mode, full voltage
range
––
±0.2
mV
Buffered, 16-bit mode,
VDDA = 1.8 V ±5%, 25 °C
––
±0.1
mV
TCVos
Temperature coefficient, input offset
voltage
Buffer gain = 1, 16-bit,
Range = ±1.024 V
––
1
µV/°C
Input voltage range, single ended[45]
VSSA
–VDDA
V
Input voltage range, differential unbuf-
fered[45]
VSSA
–VDDA
V
Input voltage range, differential,
buffered[45]
VSSA
–VDDA – 1
V
PSRRb
Power supply rejection ratio, buffered[45]
Buffer gain = 1, 16-bit,
Range = ±1.024 V
90
–
–
dB
CMRRb
Common mode rejection ratio, buffered[45]
Buffer gain = 1, 16 bit,
Range = ±1.024 V
85
–
–
dB
TA ≤ 105 °C
80
–
–
INL20
Integral non linearity[45]
Range = ±1.024 V, unbuffered
–
–
±32
LSB
DNL20
Differential non linearity[45]
Range = ±1.024 V, unbuffered
–
–
±1
LSB
INL16
Integral non linearity[45]
Range = ±1.024 V, unbuffered
–
–
±2
LSB
DNL16
Differential non linearity[45]
Range = ±1.024 V, unbuffered
–
–
±1
LSB
INL12
Integral non linearity[45]
Range = ±1.024 V, unbuffered
–
–
±1
LSB
DNL12
Differential non linearity[45]
Range = ±1.024 V, unbuffered
–
–
±1
LSB
INL8
Integral non linearity[45]
Range = ±1.024 V, unbuffered
–
–
±1
LSB
DNL8
Differential non linearity[45]
Range = ±1.024 V, unbuffered
–
–
±1
LSB
Note
45. Based on device characterization (not production tested).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com