Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3665PVC-LP Datasheet(PDF) 48 Page - Infineon Technologies AG

Part # CY8C3665PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3665PVC-LP Datasheet(HTML) 48 Page - Infineon Technologies AG

Back Button CY8C3665PVC-LP Datasheet HTML 44Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 45Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 46Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 47Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 48Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 49Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 50Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 51Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 52Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 47 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
7.5 CAN
The CAN peripheral is a fully functional Controller Area Network
(CAN) supporting communication baud rates up to 1 Mbps. The
CAN controller implements the CAN2.0A and CAN2.0B
specifications as defined in the Bosch specification and
conforms to the ISO-11898-1 standard. The CAN protocol was
originally designed for automotive applications with a focus on a
high level of fault detection. This ensures high communication
reliability at a low cost. Because of its success in automotive
applications, CAN is used as a standard communication protocol
for motion oriented machine control networks (CANOpen) and
factory automation applications (DeviceNet). The CAN controller
features allow the efficient implementation of higher level
protocols
without
affecting
the
performance
of
the
microcontroller CPU. Full configuration support is provided in
PSoC Creator.
Figure 7-14. CAN Bus System Implementation
7.5.1 CAN Features
CAN2.0A/B protocol implementation - ISO 11898 compliant
Standard and extended frames with up to 8 bytes of data per
frame
Message filter capabilities
Remote Transmission Request (RTR) support
Programmable bit rate up to 1 Mbps
Listen Only mode
SW readable error counter and indicator
Sleep mode: Wake the device from sleep with activity on the
Rx pin
Supports two or three wire interface to external transceiver (Tx,
Rx, and Enable). The three-wire interface is compatible with
the Philips PHY; the PHY is not included on-chip. The three
wires can be routed to any I/O
Enhanced interrupt controller
CAN receive and transmit buffers status
CAN controller error status including BusOff
Receive path
16 receive buffers each with its own message filter
Enhanced hardware message filter implementation that
covers the ID, IDE and RTR
DeviceNet addressing support
Multiple receive buffers linkable to build a larger receive
message array
Automatic transmission request (RTR) response handler
Lost received message notification
Transmit path
Eight transmit buffers
Programmable transmit priority
Round robin
Fixed priority
Message transmissions abort capability
7.5.2 Software Tools Support
CAN Controller configuration integrated into PSoC Creator:
CAN Configuration walkthrough with bit timing analyzer
Receive filter setup
CAN Node 1
PSoC
CAN Controller
CAN Transceiver
Tx Rx
En
CAN Node 2
CAN Node n
CAN_H
CAN_L
CAN_H
CAN_L
CAN_H
CAN_L
CAN
Drivers
CAN Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com