Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3665PVC-LP Datasheet(PDF) 37 Page - Infineon Technologies AG

Part # CY8C3665PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3665PVC-LP Datasheet(HTML) 37 Page - Infineon Technologies AG

Back Button CY8C3665PVC-LP Datasheet HTML 33Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 34Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 35Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 36Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 37Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 38Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 39Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 40Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 41Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 36 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
6.4.1 Drive Modes
Each GPIO and SIO pin is individually configurable into one of
the eight drive modes listed in Table 6-6. Three configuration bits
are used for each pin (DM[2:0]) and set in the PRTxDM[2:0]
registers. Figure 6-11 depicts a simplified pin view based on
each of the eight drive modes. Table 6-6 shows the I/O pin’s drive
state based on the port data register value or digital array signal
if bypass mode is selected. Note that the actual I/O pin voltage
is determined by a combination of the selected drive mode and
the load at the pin. For example, if a GPIO pin is configured for
resistive pull-up mode and driven high while the pin is floating,
the voltage measured at the pin is a high logic state. If the same
GPIO pin is externally tied to ground then the voltage
unmeasured at the pin is a low logic state.
Figure 6-11. Drive Mode
Table 6-6. Drive Modes
Diagram
Drive Mode
PRTxDM2
PRTxDM1
PRTxDM0
PRTxDR = 1
PRTxDR = 0
0
High-impedance analog
0
0
0
High-Z
High-Z
1
High-impedance digital
0
0
1
High-Z
High-Z
2
Resistive pull-up[10]
0
1
0
Res High (5K)
Strong Low
3
Resistive pull-down[10]
0
1
1
Strong High
Res Low (5K)
4
Open drain, drives low
1
0
0
High-Z
Strong Low
5
Open drain, drive high
1
0
1
Strong High
High-Z
6
Strong drive
1
1
0
Strong High
Strong Low
7
Resistive pull-up and pull-down[10]
1
1
1
Res High (5K)
Res Low (5K)
Out
In
Pin
Out
In
Pin
Out
In
Pin
Out
In
Pin
Out
In
Pin
Out
In
Pin
Out
In
Pin
Out
In
Pin
0. High Impedance
Analog
1. High Impedance
Digital
2. Resistive Pull-Up
3. Resistive Pull-Down
4. Open Drain,
Drives Low
5. Open Drain,
Drives High
6. Strong Drive
7. Resistive Pull-Up
and Pull-Down
VDD
VDD
VDD
VDD
VDD
An
An
An
An
An
An
An
An
The Outﺶconnection is driven from either the Digital System (when the Digital Output terminal is connected) or the Data Register
(when HW connection is disabled).
The Inﺶconnection drives the Pin State register, and the Digital System if the Digital Input terminal is enabled and connected.
The Anﺶconnection connects to the Analog System.
Note
10. Resistive pull-up and pull-down are not available with SIO in regulated output mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com