Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3665PVC-LP Datasheet(PDF) 115 Page - Infineon Technologies AG

Part # CY8C3665PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3665PVC-LP Datasheet(HTML) 115 Page - Infineon Technologies AG

Back Button CY8C3665PVC-LP Datasheet HTML 111Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 112Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 113Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 114Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 115Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 116Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 117Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 118Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 119Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 114 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
11.6.6 Digital Filter Block
11.6.7 USB
Table 11-57. DFB DC Specifications[78]
Parameter
Description
Conditions
Min
Typ
Max
Units
DFB operating current
64-tap FIR at FDFB
500 kHz (6.7 ksps)
–
0.16
0.27
mA
1 MHz (13.4 ksps)
–
0.33
0.53
mA
10 MHz (134 ksps)
–
3.3
5.3
mA
48 MHz (644 ksps)
–
15.7
25.5
mA
80 MHz (1.07 Msps)
–
26.0
42.5
mA
Table 11-58. DFB AC Specifications[78]
Parameter
Description
Conditions
Min
Typ
Max
Units
FDFB
DFB operating frequency
DC
–
80.01
MHz
Table 11-59. USB DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
VUSB_5
Device supply (VDDD) for USB
operation
USB configured, USB regulator
enabled
4.35
–
5.25
V
VUSB_3.3
USB configured, USB regulator
bypassed
3.15
–
3.6
V
VUSB_3
USB configured, USB regulator
bypassed[78]
2.85
–
3.6
V
IUSB_Configured Device supply current in device active
mode, bus clock and IMO = 24 MHz
VDDD = 5 V, FCPU = 1.5 MHz
–
10
–
mA
VDDD = 3.3 V, FCPU = 1.5 MHz
–
8
–
mA
IUSB_Suspended Device supply current in device sleep
mode
VDDD = 5 V, connected to USB
host, PICU configured to wake on
USB resume signal
–0.5
–
mA
VDDD = 5 V, disconnected from
USB host
–0.3
–
mA
VDDD = 3.3 V, connected to USB
host, PICU configured to wake on
USB resume signal
–0.5
–
mA
VDDD = 3.3 V, disconnected from
USB host
–0.3
–
mA
Note
78. Rise/fall time matching (TR) not guaranteed, see Table 11-15 on page 84.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com