Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA0ES Datasheet(PDF) 140 Page - NXP Semiconductors

Part # MPF0900AMBA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA0ES Datasheet(HTML) 140 Page - NXP Semiconductors

Back Button MPF0900AMBA0ES Datasheet HTML 136Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 137Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 138Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 139Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 140Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 141Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 142Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 143Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 144Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
All parameters are specified at TA = -40 °C to 125 °C, unless otherwise noted. Typical values are characterized at VIN = 5 V
and TA = 25 °C unless otherwise noted.
Symbol
Description
Min
Typ
Max
Unit
FIN_LF_FSYNC
FSYNC low frequency input range
• FSYNC_RANGE = 1
333
–
475
kHz
FIN_HF_FSYNC
FSYNC high frequency input range
• FSYNC_RANGE = 0
2.1
–
2.8
MHz
DIN_FSYNC
FSYNC input duty cycle range
40
–
60
%
Table 188. FSYNC electrical characteristics...continued
13.5 Analog multiplexer
The PF09 features a 32-channel analog multiplexer (AMUX) to allow a buffered access to various internal
voltages via the AMUX pin. An internal divider ratio is applied on each channel to ensure the AMUX output is
always within 1.65 V, making it suitable for 3.3 V or 1.8 V ADC inputs.
The AMUX_EN bit is provided to enable or disable the AMUX block.
AMUX_EN
AMUX block
0
AMUX disabled, pulled to ground
1
AMUX enabled.
Table 189. AMUX enable bit
The AMUX output is selected with the AMUX_SEL[4:0] bits.
AMUX_EN
AMUX_SEL[4:0]
AMUX Selection
Internal signal Dividing ratio
0
xxxxx
Disabled, pulled down
N/A
1
00000
Disabled - Hi-Z
N/A
1
00001
VIN
4.0
1
00010
BG REG
1.0
1
00011
BG MON
1.0
1
00100
VDIG
1.0
1
00101
VANA
1.0
1
00110
SW1_FB
1.0 (From 0.5 V to 1.5V)
2.5 (From 1.8 V to 3.3 V )
1
00111
SW2_FB
1.0 (From 0.5 V to 1.5 V)
2.5 (From 1.8 V to 3.3 V )
1
01000
SW3_FB
1.0 (From 0.5 V to 1.5 V)
2.5 (From 1.8 V to 3.3 V )
1
01001
SW4_FB
1.0 (From 0.3 V to 1.5 V)
2.5 (From 1.8 V to 3.3 V )
1
01010
SW5_FB
1.0 (From 0.3 V to 1.5 V)
2.5 (From 1.8 V to 3.3 V )
1
01011
LDO1
1.0 (from 0.75 V to 1.5 V)
Table 190. AMUX channel selection
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
140 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com