Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA0ES Datasheet(PDF) 47 Page - NXP Semiconductors

Part # MPF0900AMBA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA0ES Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button MPF0900AMBA0ES Datasheet HTML 43Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 44Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 45Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 46Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 47Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 48Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 49Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 50Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
12.6 Fault management
The PF09 provides a flexible fault management scheme to detect and react to internal and external faults:
• Voltage regulators are monitored internally for overvoltage, undervoltage, and overcurrent.
• Dedicated inputs are used to monitor external supplies for overvoltage and undervoltage.
In devices with safety monitoring, external error monitoring is provided via the XRESET, FCCU, and/or
ERRMON interfaces.
Internal random fault conditions are monitored through the various mechanisms provided by the functional
safety architecture. Refer to Section 14 for detailed descriptions and fault handling of safety-related
mechanisms.
The fault protection mechanisms upon a system regulator fault can be programmed to one or more of the
following reactions:
• Set the corresponding interrupt latch and assert the INTB pin if the interrupt is not masked.
• Disable the failing output if the corresponding _STATE bit is set to 0.
• Start the fault timer, if programmed by the TIMER_FAULT[3:0] bits.
• Assert the PGOOD pin low of the corresponding OV/UV, if fault condition is not bypassed.
• Increase the fault counter, if the OV/UV fault condition is not bypassed.
• Assert the FS0B pin (based on device configuration).
The fault protection mechanisms upon an external VMONx OV/UV fault can be programmed to one or more of
the following reactions:
• Set the corresponding interrupt latch and assert the INTB pin if the interrupt is not masked.
• Start the fault timer if programmed by the TIMER_FAULT[3:0] bits.
• Assert the PGOOD pin low if the corresponding OV/UV if fault condition is not bypassed.
• Increase the fault counter if the OV/UV fault condition is not bypassed.
• Assert the FS0B pin (based on device configuration).
The fault protection mechanisms upon an FCCU fault can be programmed to one or more of the following
reactions:
• Set the corresponding interrupt latch and assert the INTB pin if the interrupt is not masked.
• Assert the FS0B pin.
• Generate a reset condition as defined by the FCCUx_RESET[1:0] bits.
The fault protection mechanisms upon an ERRMON fault can be programmed to one or more of the following
reactions:
• Set the corresponding interrupt latch and assert the INTB pin if the interrupt is not masked.
• Assert the FS0B pin.
• Generate a reset condition as defined by the ERRMON_RESET bit.
Fault conditions are classified based on the severity of their reactions:
• Hard faults: fault conditions that cause the device to start a power-down sequence. It is assumed that such a
fault may limit the ability of the system (MCU) to properly acknowledge and recover from the fault condition,
therefore the PMIC is required to take a definite action to bring the system to a known “good” state to resume
proper operation.
• Soft faults: fault conditions that do not start a power-down sequence. It is assumed such faults do not limit the
ability of the system to acknowledge and try to act upon the fault condition. Soft faults are signalled by one
or more mechanisms, such as the interrupt registers, INTB, FS0B_S or PGOOD pins. The MCU is expected
to listen to any of these signals as defined by the system designer, and the system is expected to perform a
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
47 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com