Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA0ES Datasheet(PDF) 56 Page - NXP Semiconductors

Part # MPF0900AMBA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA0ES Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button MPF0900AMBA0ES Datasheet HTML 52Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 53Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 54Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 55Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 56Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 57Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 58Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 59Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
aaa-056054
RSTB
PGOOD
(optional)
REG4_PG
REG4
REG3_PG
REG3
REG2_PG
REG2
REG1_PG
REG1
SYSTEM ON
SEQ SLOT 1 SEQ SLOT 2 SEQ SLOT 3
Successful power-up (no fault condition)
PG'sOK
Figure 15. Successful power-up (no fault condition)
If any of the regulators power up before RSTB is out of regulation, the RSTB pin will not be released and the
Power-up sequence is stopped for up to 2 ms to allow for all regulators to settle.
If the fault condition is cleared and all regulators are in regulation within the 2 ms timer, the RSTB pin is
released and the Power-up sequence will continue where it stopped.
aaa-056061
RSTB
PGOOD
(optional)
REG4_PG
REG4
REG3_PG
REG3
REG2_PG
REG2
REG1_PG
REG1
SYSTEM ON
Regulator
recovery < 2 ms
SEQ SLOT 1 SEQ SLOT 2 SEQ SLOT 3
PG’s NOK
POWER-UP SEQUENCE WITH A TEMPORARY FAILURE
Figure 16. Power-up sequence with temporary failure
If the fault condition is not cleared within the 2 ms timer, the Power-up sequence will be aborted, and the
regulators enabled so far will be turned off immediately to proceed to the Fail-safe transition.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
56 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com