Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA0ES Datasheet(PDF) 91 Page - NXP Semiconductors

Part # MPF0900AMBA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA0ES Datasheet(HTML) 91 Page - NXP Semiconductors

Back Button MPF0900AMBA0ES Datasheet HTML 87Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 88Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 89Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 90Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 91Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 92Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 93Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 94Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
VDIG_OV_S
VDIG overvoltage status
0
No OV detected
1
OV detected
Table 106. VDIG overvoltage status
13.1.3 Internal bandgap references
The PF09 is provided with two fully independent bandgap references as part of the functional safety
architecture.
The first bandgap regulator is dedicated to providing a voltage reference for the output voltage generation,
and it is referred to as main bandgap through this document. The second bandgap regulator is used to provide
a voltage reference to the OV/UV monitors, as well as other safety related blocks, and it is referred to as
monitoring bandgap throughout this document.
13.2 System voltage generation
13.2.1 VAON
The VAON regulator is a standalone low-power LDO with low dropout operation. It supports an Always-on mode
to provide voltage to the low-power domains intended to remain on during the PMIC off states. The VAON
supports configurable output voltage with nominal current of 10 mA.
The VAON output is programmable to 1.8 V, 3.0 V or 3.3 V with up to +/- 2% accuracy.
VAON[1:0]
VAON output voltage (V)
00
Off
01
1.8
10
3.0
11
3.3
Table 107. VAON output voltage
By default, the VAON regulator uses the OTP_VAON[1:0] bits to set the initial voltage configuration as soon as
power is applied.
The VAON can be configured in two different modes of operation based on the value of the OTP_VAON[1:0]
and the OTP_VAON_SEQ[7:0] bits.
OTP_VAON[1:0]
OTP_VAON_SEQ[7:0]
Mode
Control
00
Don’t care
System regulator
Default off (enabled via I2C)
01, 10, 11
0x00
Always-on regulator
Enabled after fuse load
01, 10, 11
Not 0x00
System regulator
Enabled in Power-
up sequence
Table 108. VAON modes
13.2.1.1 Always-on mode
When power is applied for the first time, the PF09 will perform an initial configuration cycle to load the OTP
configuration of the VAON regulator. If the VAON is set as an Always-on regulator, the VAON output will be
enabled after fuse load.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
91 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com