Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA0ES Datasheet(PDF) 25 Page - NXP Semiconductors

Part # MPF0900AMBA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA0ES Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button MPF0900AMBA0ES Datasheet HTML 21Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 22Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 23Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 24Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 25Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 26Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 27Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 28Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
When PF09 is configured to exit DFS via the PWRON pin, a LOW to HIGH transition on the PWRON pin will
force the device out of the DFS state. If the PWRON pin was high when entering the DFS state, it must go low
first and be toggled HIGH again in order to recognize a valid exit from DFS.
When PF09 is configured to exit the DFS state via the auto-retry timer, the device will remain in the DFS state
until the retry timer (TRETRY) is expired. When the retry timer reaches it maximum value, the device will
increase the eight-bit RETRY_CNT[7:0] by one and proceed to attempt a power-up event.
When auto retry is enabled, the retry timer is increased exponentially every 15 counts. The retry timer is
calculated as follows: TRETRY = TBASE_RETRY * (2 ^ RETRY_CNT[7:4])
RETRY_CNT [7:4] [MSB]
Retry timer [ms]
Retry time [sec]
Retry Time [min]
0000
100
0.1
0.001666667
0001
200
0.2
0.003333333
0010
400
0.4
0.006666667
0011
800
0.8
0.013333333
0100
1600
1.6
0.026666667
0101
3200
3.2
0.053333333
0110
6400
6.4
0.106666667
0111
12800
12.8
0.213333333
1000
25600
25.6
0.426666667
1001
51200
51.2
0.853333333
1010
102400
102.4
1.706666667
1011
204800
204.8
3.413333333
1100
409600
409.6
6.826666667
1101
819200
819.2
13.65333333
1110
1638400
1638.4
27.30666667
1111
3276800
3276.8
54.61333333
Table 17. Auto-retry timer summary
The retry mask bits OTP_RETRY_MSK[3:0] are provided to set the maximum value for the four most significant
bits (4-MSB) of the RETRY_CNT[7:0].
For example, when the retry counter is reset to 0, The device uses the 100 ms retry timer for 15 power-up retry
attempts. When the 4 MSB of the retry counter are increased, the TRETRY is re-calculated and the device uses
the new TRETRY for the next 15 power-up retry attempts. This process will repeat until the counter reaches the
OTP_RETRY_MSK[3:0], where it remains clamped to this value using the corresponding TRETRY for every
following power-up retry attempt.
The OTP_RETRY_MODE bit is provided to select whether the auto-retry timer tries to exit the DFS state for a
limited number of times, or every time it enters the DFS state.
OTP_RETRY_MODE
Auto-retry timer mode
0
limited retry
1
infinite retry
Table 18. Autoretry dynamic characteristics
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
25 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com