Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA0ES Datasheet(PDF) 71 Page - NXP Semiconductors

Part # MPF0900AMBA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA0ES Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button MPF0900AMBA0ES Datasheet HTML 67Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 68Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 69Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 70Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 71Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 72Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 73Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 74Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
When operating as a push-pull driver, the RSTB output-high voltage can be set internally to VDDIO or VAON via
the OTP_RSTB_MODE[1:0] bits.
When RSTB is configured as an open-drain output, the RSTB can be pulled up to VDDIO or VAON by a 10 kΩ
to 100 kΩ external resistor.
When the device is out of the SYSTEM ON states, the RSTB pin is driven low to keep the system in the RESET
condition until a Power-up sequence is generated successfully.
During the Power-up sequence, the RSTB is de-asserted in the time slot programmed by the RSTB_SEQ[7:0]
bits. The RSTB pin being released (pulled high) in the Power-up sequence is interpreted as the start of the
system-on state.
When a system power-down or hard reset event is initiated, the RSTB pin is asserted low, as indicated in the
power-down sequence.
12.8.5.1 RSTB pin diagnostic
Upon entering the system-on states, the RSTB is provided with a programmable short-detection timer to set the
maximum acceptable time before a short in the RSTB pin is considered a fault condition.
OTP_RSTB_TSHORT[1:0]
Short detection timer
00
Hard fault disabled
01
500 μs
10
1000 ms
11
8000 ms
Table 70. RSTB short-detection timer
When a RSTB short condition is detected, the device will generate a hard-fault condition and start a power-
down sequence.
When the hard fault is disabled, a short condition will not generate a hard fault event, but the condition will still
be reported to the MCU via the RSTB_FLT_I.
During the system-on states, the short-detection timer is intended to be used in two ways based on the system
needs:
When the PMIC is operating stand-alone, or no other devices are able to control the RSTB bus, the short-
detection timer is used to ensure the RSTB pin state is indeed high.
When PMIC is operating in multi-device systems, where more than one device is able to control the RSTB bus,
the short-detection timer is used to detect when another device has asserted the RSTB bus low, and starts
counting before it can consider such event as a fault condition.
The RSTB_S flag is provided to read the real-time state of the RSTB pin.
RSTB_S
RSTB state
0
Low
1
High
Table 71. State of RSTB pin
The RSTB_FLT_I interrupt is provided to notify that a short-to-high or short-to-low condition has been present
on the RSTB pin. If the RSTB_FLT_I interrupt is unmasked, the INTB pin will be driven low.
The RSTB_FLT_I bit can be cleared by writing a 1 to it.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
71 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com