Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA0ES Datasheet(PDF) 53 Page - NXP Semiconductors

Part # MPF0900AMBA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA0ES Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button MPF0900AMBA0ES Datasheet HTML 49Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 50Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 51Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 52Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 53Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 54Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 55Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 56Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
The reaction to an OV/UV condition is defined by the OTP_VAON_FMODE bit:
When OTP_VAON_FMODE = 0 the VAON reacts in “notification mode” upon an OV/UV condition.
When OTP_VAON_FMODE = 1 the VAON reacts in “Reset mode” upon an OV/UV.
When the VAON reaction is set to notification mode, the block follows similar protection rules as defined in the
fault management for the system regulators:
• OV/UV Interrupt flag is set and the INTB pin asserted if the interrupt is not masked.
• PGOOD is asserted if OV/UV condition is not bypassed and VAON_PG_EN = 1.
• Fault counter is increased if OV/UV condition is not bypassed.
• Global fault timer is started if OV/UV condition is not bypassed.
• The FS0B pin will be asserted as defined by the pin configuration.
If the VAON fault reaction is set to notification mode, the VAON regulator will not be turned off internally when a
hard fault is detected and the device starts a power-down sequence.
When the VAON fault reaction is set to RESET mode, an OV/UV fault condition can start the following protective
mechanism:
• The OV/UV Interrupt flag is set and the INTB pin asserted if the interrupt is not masked.
• PGOOD is asserted if the OV/UV condition is not bypassed and VAON_PG_EN = 1.
• Fault counter is increased if the OV/UV condition is not bypassed.
• The FS0B pin will be asserted as defined by the pin configuration.
The dedicated VAON fault timer is started if the OV/UV condition is not bypassed, and the PMIC will require the
fault to be acknowledged to prevent a total system shutdown.
When the VAON fault reaction is set to RESET mode, a dedicated fault timer is provided to allow the system to
acknowledge an OV/UV fault before the VAON fault timer is expired. The MCU must acknowledge the OV/UV
fault on the VAON regulator by clearing the corresponding VAON_OV_I or VAON_UV_I interrupt flags.
If the fault condition is still present by the time the VAON_OV_I or VAON_UV_I flags are cleared, the flag will be
set again right away and the VAON fault timer is restarted.
The default duration of the VAON fault timer is set via the OTP_VAON_TFLT[2:0] bits and it can be modified
during the system-on states via the VAON_TFLT[2:0] bits.
VAON_TFLT [2:0]
VAON fault timer
000
500 us
001
1 ms
010
2 ms
011
5 ms
100
10 ms
101
25 ms
110
50 ms
111
100 ms
Table 52. VAON fault timer duration
In RESET mode, a current limit condition in the VAON regulator will not start the VAON fault timer, however, an
UV condition generated due to a current limit protection will be able to start the VAON fault timer and start a full
PMIC reset if the condition is not corrected.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
53 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com