Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA0ES Datasheet(PDF) 17 Page - NXP Semiconductors

Part # MPF0900AMBA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA0ES Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button MPF0900AMBA0ES Datasheet HTML 13Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 14Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 15Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 16Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 17Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 18Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 19Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 20Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
PROG_IDL[4:0]
OTP ID second letter
001010
A
001011
B
001100
C
001101
D
001110
E
001111
F
010000
G
010001
H
010010
J
010011
K
010100
L
010101
M
010110
N
010111
P
011000
Q
011001
R
011010
S
011011
T
011100
U
011101
V
011110
W
011111
X
100000
Y
100001
Z
100010
NOT ASSIGNED
100011
NOT ASSIGNED
….
….
111111
NOT ASSIGNED
Table 10. PROG_IDL bit field...continued
The OTP_VIN_SEL bit is provided to select the intended input voltage in the system.
OTP_VIN_SEL
Input voltage selection
0
5.0 V
1
3.3 V
Table 11. OTP_VIN_SEL bit
Selecting the right input voltage for the specific system allows for optimization of the power generation stage
when system input voltage is 3.3 V. For input voltages larger than 3.3 V, the OTP_VIN_SEL bit must be set to
5.0 V to improve system robustness.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
17 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com