Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA0ES Datasheet(PDF) 78 Page - NXP Semiconductors

Part # MPF0900AMBA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA0ES Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button MPF0900AMBA0ES Datasheet HTML 74Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 75Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 76Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 77Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 78Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 79Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 80Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 81Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
OTP_GPIO2_MODE[1:0]
GPIO2 mode
00
Open-drain output
01
Push-pull output
10
Reserved
11
LDO1EN input
Table 86. GPIO2 mode
The GPIO2_S flag is provided to read the real-time state of the GPIO2 pin.
GPIO2_S
GPIO2 State
0
Low
1
High
Table 87. GPIO2_S flag
12.8.10.1 GPO mode
When the GPIO2 is used as a general-purpose output (GPO mode), the pin will be asserted low during the OFF
states. iI can be set high by default during the Power-up sequence, or manually during the system-on states.
When the output is set as an open drain, the GPIO2 pin can be pulled up to any voltage lower than VIN with an
external resistor between 10 kΩ and 470 kΩ. System requirements must be taken into account when selecting
the pullup voltage and resistance. To prevent the output from being pulled high in the ULPOFF state, the
selection must ensure that the pullup voltage is not present during off condtions.
When the output is set as a push-pull driver, the PF09 will use the VIN internally to set the high state on the
GPIO2 pin.
The GPIO2 uses the OTP_SEQ_TBASE[1:0] and the OTP_GPO2_SEQ[7:0] bits to enable the GPO by default
at a specific time slot during the Power-up sequence. Refer to section 16.3.3 Regulator Power-up Sequence, for
a detailed description of the Power-up sequence.
The GPIO2 pin is designed to have independent control configuration during the RUN and the STANDBY states,
to allow full control of the GPIO2 when going in and out of the STANDBY state.
In the RUN state, the level of the GPIO2 pin can be controlled manually via the GPIO2_RUN bit.
GPIO2_RUN
GPIO2 state
0
Low
1
High
Table 88. GPIO2 state in RUN
In the STANDBY state, the level of the GPIO2 pin can be controlled manually via the GPIO2_STBY bit.
GPIO2_STBY
GPIO2 state
0
Low
1
High
Table 89. GPIO2 state in STANDBY
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
78 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com