Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA0ES Datasheet(PDF) 94 Page - NXP Semiconductors

Part # MPF0900AMBA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA0ES Datasheet(HTML) 94 Page - NXP Semiconductors

Back Button MPF0900AMBA0ES Datasheet HTML 90Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 91Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 92Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 93Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 94Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 95Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 96Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 97Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 98Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
[2]
The slope rate is calculated as (6.25 [mV] * FREQ [MHz]) / (8 * clocking factor)
In applications where the output capacitance is larger than the recommended value, the SW1_SLOWDVS bit
provides the option to force the ramp-down slope to the slowest discharge speed in order to ensure the output is
able to fully discharge before a new turn-on cycle is started.
The SW1_SLOWDVS bit is reset to 1 at power-up, and the MCU can modify it during the SYSTEM ON states if
the system requires a faster discharge on the SW1 regulator.
SW1_SLOWDVS
Ramp-down DVS
0
Same as ramp up
1
1.95 mV/µs
Table 112. DVS ramp-down selection bits
The SW1 regulator is only allowed to request a dynamic voltage change when the default OTP value is set to
be within the DVS range. The DVS range is between 0.65 V and 0.9 V, with an OV/UV threshold of 5 % or wider
and a DVS ramp of 3.9 mV/μs or slower. A voltage configuration outside of the DVS range will be fixed to the
default OTP value, and any voltage change requested via the I2C communication will be ignored to avoid an
invalid configuration.
The OTP_SW1_DVSMAX[3:0] bits are provided to define the maximum high-voltage delta allowed during a
DVS transition. Maximum high-voltage delta is calculated with respect to the default voltage setting selected
by the OTP_VSW1_RUN[7:0] bits to ensure the system is not able to request a voltage change outside of the
selected limits defined for a specific application.
OTP_SW1_DVSMAX[3:0]
SW1 high-voltage delta
0000
0.025 V
0001
0.050 V
0010
0.075 V
0011
0.100 V
0100
0.125 V
0101
0.150 V
0110
0.175 V
0111
0.200 V
1000
0.225 V
1001
0.250 V
1010
0.275 V
1011
0.300 V
1100
0.325 V
1101
0.350 V
1110
0.375 V
1111
0.400 V
Table 113. Maximum DVS selection bits
If the MCU tries to write a voltage value in SW1 higher than the OTP_SW1_DVSMAX[3:0] selection, the
controller will ignore the command and send a DVSMAX_I interrupt. The DVSMAX_I interrupt will assert the
INTB pin if the interrupt is not masked.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
94 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com